Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1504N Datasheet(PDF) 6 Page - Transcom, Inc.

Part # TC1504N
Description  1W High Linearity and High Efficiency GaAs Power FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1504N Datasheet(HTML) 6 Page - Transcom, Inc.

  TC1504N Datasheet HTML 1Page - Transcom, Inc. TC1504N Datasheet HTML 2Page - Transcom, Inc. TC1504N Datasheet HTML 3Page - Transcom, Inc. TC1504N Datasheet HTML 4Page - Transcom, Inc. TC1504N Datasheet HTML 5Page - Transcom, Inc. TC1504N Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TC1504N
REV2_20071108
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
6 / 6
Cgs
Cgd
Cds
Rg
Rd
Rdb
Ris
Rs
Id
Lg
Ld
Ls
Cbs
Rid
16.7
0.93092
179.57
0.59784
40.968
0.027665
11.717
0.74785
-171.06
16.8
0.93095
179.54
0.59387
40.709
0.02766
11.805
0.74865
-171.07
16.9
0.93097
179.51
0.58995
40.45
0.027655
11.893
0.74945
-171.08
17
0.931
179.48
0.58608
40.192
0.02765
11.982
0.75025
-171.08
17.1
0.93103
179.45
0.58225
39.934
0.027645
12.071
0.75104
-171.09
17.2
0.93106
179.42
0.57846
39.678
0.02764
12.16
0.75184
-171.1
17.3
0.93109
179.39
0.57472
39.422
0.027636
12.25
0.75263
-171.1
17.4
0.93111
179.36
0.57102
39.166
0.027631
12.34
0.75342
-171.11
17.5
0.93114
179.33
0.56737
38.911
0.027627
12.43
0.75421
-171.12
17.6
0.93117
179.3
0.56376
38.657
0.027623
12.521
0.75499
-171.13
17.7
0.9312
179.27
0.56018
38.404
0.027619
12.612
0.75578
-171.14
17.8
0.93122
179.25
0.55665
38.151
0.027616
12.703
0.75656
-171.14
17.9
0.93125
179.22
0.55316
37.899
0.027612
12.795
0.75734
-171.15
18
0.93128
179.19
0.54971
37.648
0.027609
12.886
0.75812
-171.16
* The data does not include gate, drain and source bond wires.
LARGE SIGNAL MODEL, VDS = 8 V, IDS = 240 mA
SCHEMATI
TOM2 MODEL PARAMETERS
VTO
-1.768 V
VMAX
0.5 V
ALPHA
2.81
CGD
0.1805 pF
BETA
0.549
CGS
7.22 pF
GAMMA
0.0173
CDS
0.5364 pF
DELTA
0.0818
RIS
0.908 Ohm
Q
0.96
RID
0.0001 Ohm
NG
0.1
VBR
15 V
ND
0.01
RDB
46.517 Ohm
TAU
3.9 ps
CBS
9.6833 pF
RG
0.454 Ohm
TNOM
25
°C
RD
0.63 Ohm
LS
0.0101 nH
RS
0.394 Ohm
LG
0.0391 nH
IS
1E-11 mA
LD
0.008 nH
N
1
AFAC
1
VBI
1 V
NFING
1
VDELTA
0.2 V


Similar Part No. - TC1504N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC150-178-S ACE-TC150-178-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Lite-On Technology Corp...
TC1500H LITEON-TC1500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1507D-430M PRODUCTWELL-TC1507D-430M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1504N

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com