Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1504N Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC1504N
Description  1W High Linearity and High Efficiency GaAs Power FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1504N Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1504N Datasheet HTML 1Page - Transcom, Inc. TC1504N Datasheet HTML 2Page - Transcom, Inc. TC1504N Datasheet HTML 3Page - Transcom, Inc. TC1504N Datasheet HTML 4Page - Transcom, Inc. TC1504N Datasheet HTML 5Page - Transcom, Inc. TC1504N Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC1504N
REV2_20071108
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3 / 6
TYPICAL SCATTERING PARAMETERS (TA=25
°C) VDS = 8 V, IDS = 240 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0
0.99991
0
35.323
180
4.23E-07
0
0.10178
180
0.1
0.99314
-34.988
33.574
161.57
0.0090419
71.935
0.22271
-133.76
0.2
0.97875
-64.443
29.563
146.16
0.015924
56.902
0.36342
-136.56
0.3
0.96503
-86.781
25.217
134.57
0.020374
45.679
0.45786
-143.31
0.4
0.95479
-103.15
21.455
126.09
0.023113
37.57
0.51658
-149.11
0.5
0.94769
-115.21
18.431
119.81
0.024819
31.664
0.55334
-153.61
0.6
0.94281
-124.28
16.04
115.04
0.02592
27.261
0.57715
-157.05
0.7
0.93939
-131.27
14.141
111.3
0.026658
23.895
0.59318
-159.72
0.8
0.93696
-136.79
12.611
108.29
0.027173
21.257
0.6044
-161.82
0.9
0.93517
-141.24
11.363
105.81
0.027542
19.146
0.61251
-163.5
1
0.93382
-144.89
10.328
103.72
0.027815
17.425
0.61856
-164.87
1.1
0.9328
-147.93
9.4585
101.92
0.028022
15.999
0.6232
-166
1.2
0.93199
-150.51
8.7197
100.36
0.028182
14.801
0.62683
-166.94
1.3
0.93136
-152.72
8.0847
98.968
0.028307
13.784
0.62974
-167.73
1.4
0.93084
-154.63
7.5337
97.724
0.028408
12.91
0.63212
-168.41
1.5
0.93043
-156.3
7.0514
96.598
0.028489
12.154
0.63409
-168.99
1.6
0.93008
-157.77
6.626
95.567
0.028555
11.493
0.63576
-169.49
1.7
0.92979
-159.07
6.248
94.616
0.028609
10.913
0.63719
-169.92
1.8
0.92955
-160.24
5.9101
93.733
0.028654
10.4
0.63844
-170.3
1.9
0.92935
-161.29
5.6063
92.907
0.028692
9.9439
0.63954
-170.64
2
0.92917
-162.24
5.3318
92.129
0.028724
9.5367
0.64053
-170.93
2.1
0.92903
-163.1
5.0825
91.394
0.02875
9.1716
0.64142
-171.18
2.2
0.9289
-163.88
4.8552
90.695
0.028773
8.843
0.64224
-171.41
2.3
0.92879
-164.61
4.647
90.028
0.028792
8.5463
0.64299
-171.61
2.4
0.92869
-165.27
4.4558
89.389
0.028807
8.2776
0.64369
-171.79
2.5
0.92861
-165.88
4.2794
88.775
0.028821
8.0336
0.64436
-171.94
2.6
0.92853
-166.45
4.1163
88.183
0.028832
7.8116
0.64499
-172.08
2.7
0.92847
-166.97
3.9651
87.611
0.028841
7.6093
0.64559
-172.21
2.8
0.92841
-167.46
3.8244
87.056
0.028849
7.4244
0.64617
-172.31
2.9
0.92836
-167.92
3.6932
86.517
0.028855
7.2554
0.64674
-172.41
3
0.92832
-168.35
3.5706
85.992
0.02886
7.1007
0.64729
-172.5
3.1
0.92828
-168.75
3.4557
85.48
0.028863
6.9588
0.64783
-172.57
3.2
0.92825
-169.13
3.3479
84.98
0.028866
6.8287
0.64836
-172.64
3.3
0.92822
-169.49
3.2466
84.491
0.028868
6.7094
0.64888
-172.69
3.4
0.9282
-169.82
3.1511
84.012
0.028868
6.5998
0.6494
-172.74
3.5
0.92817
-170.14
3.0609
83.541
0.028868
6.4993
0.64992
-172.78
3.6
0.92816
-170.44
2.9757
83.079
0.028868
6.407
0.65043
-172.82
3.7
0.92814
-170.73
2.8951
82.625
0.028866
6.3224
0.65094
-172.85
3.8
0.92813
-171
2.8186
82.178
0.028865
6.2448
0.65146
-172.88
3.9
0.92812
-171.26
2.746
81.737
0.028862
6.1738
0.65197
-172.9
4
0.92811
-171.51
2.677
81.303
0.028859
6.1089
0.65249
-172.91
4.1
0.9281
-171.74
2.6113
80.874
0.028856
6.0496
0.65301
-172.92
4.2
0.9281
-171.97
2.5486
80.45
0.028852
5.9956
0.65353
-172.93
4.3
0.92809
-172.18
2.4889
80.032
0.028848
5.9466
0.65406
-172.94
4.4
0.92809
-172.39
2.4318
79.618
0.028843
5.9022
0.65459
-172.94
4.5
0.92809
-172.59
2.3773
79.209
0.028838
5.8622
0.65512
-172.94
4.6
0.92809
-172.78
2.325
78.803
0.028833
5.8263
0.65566
-172.93
4.7
0.92809
-172.96
2.275
78.402
0.028827
5.7942
0.65621
-172.93
4.8
0.9281
-173.14
2.227
78.004
0.028821
5.7657
0.65676
-172.92
4.9
0.9281
-173.31
2.181
77.61
0.028815
5.7407
0.65731
-172.91
5
0.92811
-173.47
2.1368
77.219
0.028808
5.719
0.65787
-172.89
5.1
0.92811
-173.63
2.0943
76.832
0.028802
5.7003
0.65843
-172.88
5.2
0.92812
-173.78
2.0534
76.447
0.028794
5.6845
0.65901
-172.86


Similar Part No. - TC1504N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC150-178-S ACE-TC150-178-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Lite-On Technology Corp...
TC1500H LITEON-TC1500H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1507D-430M PRODUCTWELL-TC1507D-430M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1504N

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com