Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1501 Datasheet(PDF) 5 Page - Transcom, Inc.

Part # TC1501
Description  1W High Linearity and High Efficiency GaAs Power FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1501 Datasheet(HTML) 5 Page - Transcom, Inc.

  TC1501 Datasheet HTML 1Page - Transcom, Inc. TC1501 Datasheet HTML 2Page - Transcom, Inc. TC1501 Datasheet HTML 3Page - Transcom, Inc. TC1501 Datasheet HTML 4Page - Transcom, Inc. TC1501 Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TC1501
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
5 / 5
Cgs
Cgd
Cds
Rg
Rd
Rdb
Ris
Rs
Id
Lg
Ld
Ls
Cbs
Rid
SMALL SIGNAL MODEL, VDS = 8 V, IDS = 240 mA
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.039 nH
Rs
0.394 Ohm
Rg
0.45 Ohm
Ls
0.01 nH
Cgs
4.435
pF
Cds
0.536
pF
Ri
0.91 Ohm
Rds
63.7 Ohm
Cgd
0.181
pF
Rd
0.63 Ohm
Gm
440.3 mS
Ld
0.008 nH
T
3.9 psec
LARGE SIGNAL MODEL, VDS = 8 V, IDS = 240 mA
SCHEMATI
TOM2 MODEL PARAMETERS
VTO
-1.768
V
VMAX
0.5
V
ALPHA
2.81
CGD
0.1805
pF
BETA
0.549
CGS
7.22
pF
GAMMA
0.0173
CDS
0.5364
pF
DELTA
0.0818
RIS
0.908 Ohm
Q
0.96
RID
0.0001 Ohm
NG
0.1
VBR
15
V
ND
0.01
RDB
46.517 Ohm
TAU
3.9
ps
CBS
9.6833
pF
RG
0.454 Ohm TNOM
25
°C
RD
0.63 Ohm LS
0.0101 nH
RS
0.394 Ohm LG
0.0391 nH
IS
1E-11 mA LD
0.008 nH
N
1
AFAC
1
VBI
1
V
NFING
1
VDELTA
0.2
V


Similar Part No. - TC1501

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
More results

Similar Description - TC1501

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com