Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1201 Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC1201
Description  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1201 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1201 Datasheet HTML 1Page - Transcom, Inc. TC1201 Datasheet HTML 2Page - Transcom, Inc. TC1201 Datasheet HTML 3Page - Transcom, Inc. TC1201 Datasheet HTML 4Page - Transcom, Inc. TC1201 Datasheet HTML 5Page - Transcom, Inc. TC1201 Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC1201
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3 / 6
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9554
-39.49
7.5329
151.36
0.0398
66.80
0.5775
-25.69
3
0.9139
-56.54
6.9061
139.05
0.0548
57.21
0.5420
-36.51
4
0.8723
-71.28
6.2454
128.40
0.0660
49.27
0.5059
-45.66
5
0.8352
-83.83
5.6234
119.22
0.0743
42.80
0.4737
-53.32
6
0.8042
-94.47
5.0697
111.25
0.0804
37.54
0.4471
-59.75
7
0.7790
-103.50
4.5894
104.26
0.0849
33.23
0.4260
-65.20
8
0.7588
-111.21
4.1772
98.02
0.0883
29.68
0.4100
-69.87
9
0.7425
-117.84
3.8241
92.37
0.0909
26.70
0.3983
-73.94
10
0.7294
-123.59
3.5208
87.18
0.0930
24.17
0.3902
-77.53
11
0.7186
-128.61
3.2590
82.37
0.0947
22.01
0.3851
-80.74
12
0.7098
-133.04
3.0317
77.86
0.0960
20.13
0.3823
-83.64
13
0.7025
-136.97
2.8331
73.59
0.0972
18.48
0.3816
-86.29
14
0.6963
-140.48
2.6586
69.52
0.0982
17.01
0.3826
-88.74
15
0.6911
-143.65
2.5043
65.62
0.0991
15.70
0.3849
-91.01
16
0.6866
-146.51
2.3671
61.87
0.0999
14.51
0.3883
-93.14
17
0.6827
-149.13
2.2444
58.23
0.1006
13.43
0.3928
-95.14
18
0.6793
-151.52
2.1341
54.70
0.1013
12.44
0.3980
-97.05
* The data does not include gate, drain and source bond wires.
TYPICAL SCATTERING PARAMETERS
(TA=25 °°°°C) VDS = 6 V, IDS = 40 mA
0
15
30
4
5
6
0
7
5
9
0
1
0
5
1
2
0
1
3
5
15
0
165
-180
-1
65
-1
50
-
1
3
5
-
1
2
0
-
1
0
5
-
9
0
-
7
5
-
6
0
-
4
5
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
0
1
.
0
1
.
0
-
1
.
0
1
0
.
0
10.
0
-
1
0
.
0
5
.
0
5.
0
-
5
.
0
2
.
0
2
.
0
-
2
.
0
3
.
0
3
.
0
-
3
.
0
4
.
0
4.
0
-
4
.
0
0
.
2
0
.
2
-0
.2
0
.
4
0
.
4
-
0
.
4
0
.
6
0
.
6
-
0
.
6
0
.
8
0
.
8
-
0
.
8
Swp Max
18GHz
Swp Min
2GHz
S22


Similar Part No. - TC1201

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1201

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com