Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1101 Datasheet(PDF) 5 Page - Transcom, Inc.

Part # TC1101
Description  Low Noise and Medium Power GaAs FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1101 Datasheet(HTML) 5 Page - Transcom, Inc.

  TC1101 Datasheet HTML 1Page - Transcom, Inc. TC1101 Datasheet HTML 2Page - Transcom, Inc. TC1101 Datasheet HTML 3Page - Transcom, Inc. TC1101 Datasheet HTML 4Page - Transcom, Inc. TC1101 Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TC1101
REV6_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
5/5
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.047 nH
Rs
1.290 Ohm
Rg
1.460 Ohm
Ls
0.001 nH
Cgs
0.207 pF
Cds
0.068 pF
Ri
3.680 Ohm
Rds
321.5 Ohm
Cgd
0.027 pF
Rd
1.525 Ohm
Gm
54.80 mS
Ld
0.038 nH
T
3.340 psec
SMALL SIGNAL MODEL, VDS = 6 V, IDS = 25 mA
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.047 nH
Rs
1.250 Ohm
Rg
1.460 Ohm
Ls
0.001 nH
Cgs
0.254 pF
Cds
0.067 pF
Ri
5.910 Ohm
Rds
377.8 Ohm
Cgd
0.019 pF
Rd
1.525 Ohm
Gm
66.00 mS
Ld
0.038 nH
T
3.640 psec
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290°C ± 5°C; Handling Tool: Tweezers;
Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220°C to 250°C; Bond Tip Temperature: 150°C; Bond Force:
20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at all
stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.


Similar Part No. - TC1101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1101

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com