Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHE0.5D Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DHE0.5D
Description  High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DHE0.5D Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DHE0.5D Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DHE0.5D Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
High forward surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Weight: 0.017gram
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol 0.5A
0.5B
0.5D
0.5F
0.5G
0.5J
0.5K
UNIT
VRRM
50
100
200
300
400
600
800
V
VRMS
35
70
140
210
280
420
560
V
VDC
50
100
200
300
400
600
800
V
IF(AV)
A
IFSM
A
VF
V
IR
μA
trr
nS
RθJA
℃/W
TJ, TSTG
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35
μm thick)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
DHE-
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction and storage temperature range
1.0
–55 to +150
15
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
1.7
0.5
1.3
50
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
Typical thermal resistance
Maximum instantaneous forward voltage at 0.5A
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
100
75
60
DHE0.5A-DHE0.5K
High Efficiency Recovery Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD-123FL
Dimensions in millimeters
0.5M
1000
1000


Similar Part No. - DHE0.5D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE0.5D LUGUANG-DHE0.5D Datasheet
445Kb / 2P
   High Efficiency Recovery Rectifiers
logo
Guangdong Juxing Electr...
DHE0.5D JUXING-DHE0.5D Datasheet
1Mb / 3P
   Surface Mount Ultra Fast Rectifiers
DHE0.5D JUXING-DHE0.5D Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
More results

Similar Description - DHE0.5D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
   High Efficiency Recovery Rectifiers
ES14A SECOS-ES14A Datasheet
271Kb / 2P
   High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
   High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
   High Efficiency Recovery rectifiers
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
   High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
   High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US3A-US3M-SMC YFWDIODE-US3A-US3M-SMC Datasheet
302Kb / 2P
   High Efficiency Recovery rectifiers
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
   High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
   High Efficiency Recovery rectifiers
logo
Shanghai Leiditech Elec...
US5A LEIDITECH-US5A Datasheet
297Kb / 3P
   High Efficiency Recovery rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com