Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD215 Datasheet(PDF) 4 Page - Analog Devices

Part # AD215
Description  120 kHz Bandwidth, Low Distortion, Isolation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD215 Datasheet(HTML) 4 Page - Analog Devices

  AD215 Datasheet HTML 1Page - Analog Devices AD215 Datasheet HTML 2Page - Analog Devices AD215 Datasheet HTML 3Page - Analog Devices AD215 Datasheet HTML 4Page - Analog Devices AD215 Datasheet HTML 5Page - Analog Devices AD215 Datasheet HTML 6Page - Analog Devices AD215 Datasheet HTML 7Page - Analog Devices AD215 Datasheet HTML 8Page - Analog Devices AD215 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD215
REV. 0
–4–
OUT HI
TRIM
OUT LO
+15VIN
–15VIN
PWR RTN
AD215
SIGNAL
1
3
UNCOMMITTED
INPUT OP AMP
FB
IN–
IN+
POWER
T2
T1
33k
R
R
0.01µF
OUTPUT
BUFFER
IN COM
+VISO
–VISO
MODULATOR
DEMODULATOR
LOW-PASS
FILTER
150kHz
37
36
38
42
44
43
430kHz
POWER
OSCILLATOR
6
2
5
ISOLATED
DC
SUPPLY
4
Figure 1. Functional Block Diagram
PIN CONFIGURATIONS
36 38
37
42 44
43
BOTTOM VIEW OF
FOOTPRINT
4
6
2
3
5
1
AD215 PIN DESIGNATIONS
Pin
Designation
Function
1
IN+
Noninverting Input
2
IN COM
Input Common
3
IN–
Inverting Input
4
FB
Amplifier Feedback
5–VISO OUT
Isolated –15 V dc Power Supply
6+VISO OUT
Isolated +15 V dc Power Supply
36
TRIM
Output Offset Trim Adjust
37
OUT LO
Output Low
38
OUT HI
Output High
42
+15 VIN
+15 V dc Power
43
PWR RTN
±15 V dc Power Supply Common
44
–15 VIN
–15 V dc Power
ORDERING GUIDE
Model
Temperature Range
VCMV
Nonlinearity
*
AD215AY
–40
°C to +85°C
750
0.01%
AD215BY
–40
°C to +85°C
1500
0.005%
*Typical @ +25
°C, G = 1 V/V.
INSIDE THE AD215
The AD215 is a fully self-contained analog signal and power
isolation solution. It employs a double-balanced amplitude
modulation technique to perform transformer coupling of sig-
nals ranging in frequency from true dc values to those having
frequencies of 120 kHz or less.
To generate the power supplies used for the isolated front-end
circuitry, an internal clock oscillator drives the primary winding
of the integral dc/dc power supply’s transformer, T2. The
resultant voltage developed across the secondary winding is
then rectified and filtered for use as the isolated power supply.
This built-in isolated dc/dc converter provides sufficient power
for both the internal isolated circuit elements of the AD215 as
well as any ancillary components supplied by the user. It saves
onboard space and component cost where additional amplifica-
tion or signal conditioning is required.
After an input signal is amplified by the uncommitted op amp,
it is modulated at a carrier frequency of approximately 430 kHz
and applied across the primary winding of the signal isolation
transformer T1.
The resultant signal induced on the secondary winding of the
transformer is then demodulated and filtered using a low-pass
Bessel response filter set at a frequency of 150 kHz. The func-
tion of the filter reconstructs the original signal as it appears on
the input.
The signal transformer design and construction allow non-
linearity to be independent of both the specified temperature
and gain ranges.
After complete reconstruction, the signal is subjected to an off-
set trim stage and final output buffer. The trim circuit allows
the designer flexibility to adjust for any offset as desired.


Similar Part No. - AD215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD215 AD-AD215 Datasheet
237Kb / 12P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
AD21571WCSWZ4XX AD-AD21571WCSWZ4XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
AD21571WCSWZ5XX AD-AD21571WCSWZ5XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
AD21573WCBCZ4XX AD-AD21573WCBCZ4XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
AD21573WCBCZ5XX AD-AD21573WCBCZ5XX Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
More results

Similar Description - AD215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD215 AD-AD215_15 Datasheet
237Kb / 12P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
REV. 0
AD215 AD-AD215_16 Datasheet
266Kb / 13P
   120 kHz Bandwidth, Low Distortion, Isolation Amplifier
logo
Allegro MicroSystems
ACS716 ALLEGRO-ACS716_16 Datasheet
913Kb / 22P
   120 kHz Bandwidth, High-Voltage Isolation
ACS710 ALLEGRO-ACS710_16 Datasheet
946Kb / 23P
   120 kHz Bandwidth, High-Voltage Isolation
logo
Analog Devices
AD203SN AD-AD203SN Datasheet
776Kb / 12P
   Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
REV. A
AD203SN AD-AD203SN_16 Datasheet
1Mb / 14P
   Rugged, Military Temperature Range, 1 0 kHz Bandwidth Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-12CB-T AVAGO-ACS710KLATR-12CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Allegro MicroSystems
ACS710 ALLEGRO-ACS710 Datasheet
459Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
ACS716 ALLEGRO-ACS716 Datasheet
486Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC212KSIT SECELECTRONICS-SC212KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com