Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD20MSP415 Datasheet(PDF) 7 Page - Analog Devices

Part # AD20MSP415
Description  GSM/DCS1800/PCS1900 Baseband Processing Chipset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD20MSP415 Datasheet(HTML) 7 Page - Analog Devices

  AD20MSP415 Datasheet HTML 1Page - Analog Devices AD20MSP415 Datasheet HTML 2Page - Analog Devices AD20MSP415 Datasheet HTML 3Page - Analog Devices AD20MSP415 Datasheet HTML 4Page - Analog Devices AD20MSP415 Datasheet HTML 5Page - Analog Devices AD20MSP415 Datasheet HTML 6Page - Analog Devices AD20MSP415 Datasheet HTML 7Page - Analog Devices AD20MSP415 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD20msp415
–7–
REV. 0
MECHANICAL CONSIDERATIONS
The chipset has been specifically designed to meet not only cost
and power consumption requirements but also the physical
dimensions. State-of-the-art package technology was used to
achieve the smallest possible geometries. (See Table II for list of
packaging dimensions and consult individual data sheets of the
two components for further details.)
Table II. Package Dimensions
Parameter
GSMP
VBC
EFR*
Unit
Package
TQFP
TQFP
TQFP
Leads
144
64
64
#
Pitch
0.5
0.5
0.5
mm
Body
20
× 20
10
× 10
10
× 10
mm
2
Total Height
1.6
1.6
1.6
mm
Board Area
22
× 22
12
× 12
12
× 12
mm
2
*The EFR Coprocessor is needed only in systems requiring support of Enhanced
Full Rate Speech Codec.
All components use low profile Plastic Quad Flatpacks with lead
pitches of 0.5 mm, for PCMCIA applications.
ORDERING GUIDE
Part Number
Supply Voltage Range
AD6421AST
+2.7 V to +3.3 V
AD6422AST
+2.7 V to +3.3 V
AD6423
+2.7 V to +3.3 V
An Evaluation and Development system may be ordered for this
chipset, under the part number, NRE20msp415EB1.


Similar Part No. - AD20MSP415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD20MSP410 AD-AD20MSP410 Datasheet
62Kb / 8P
   GSM Baseband Processing Chipset
REV. 0
More results

Similar Description - AD20MSP415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD20MSP410 AD-AD20MSP410 Datasheet
62Kb / 8P
   GSM Baseband Processing Chipset
REV. 0
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
   GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Texas Instruments
DBB03A TI-DBB03A Datasheet
114Kb / 9P
[Old version datasheet]   Baseband ASIC for Dolphin Chipset
DBB03 TI-DBB03 Datasheet
98Kb / 8P
[Old version datasheet]   Baseband ASIC for Dolphin Chipset
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
logo
Broadcom Corporation.
ML2011 BOARDCOM-ML2011 Datasheet
130Kb / 1P
   GSM SINGLE-CHIP BASEBAND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com