Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1S2076A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1S2076A
Description  High reliability with glass seal.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1S2076A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1S2076A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1S2076A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1S2076A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1S2076A
Features
• Low capacitance. (C = 3.0pF max)
• Short reverse recovery time. (t
rr = 8.0ns max)
• High reliability with glass seal.
Ordering Information
Type No.
Cathode band
Package Code
1S2076A
Navy Blue
DO-35
1. Cathode
2. Anode
Cathode band
1
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
70
V
Reverse voltage
V
R
60
V
Peak forward current
I
FM
450
mA
Non-Repetitive peak forward surge current
I
FSM*1
A
Average forward current
I
O
150
mA
Power dissipation
Pd
250
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–65 to +175
°C
Note:
Within 1s forward surge current.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
0.64
0.80
V
I
F = 10mA
Reverse current
I
R
0.1
µAV
R = 30V
Capacitance
C
3.0
pF
V
R = 1V, f = 1MHz
Reverse recovery time
t
rr*
8.0
ns
I
F = IR = 10mA, Irr = 1mA
Note:
Reverse recovery time test circuit
http://www.luguang.cn Email:lge@luguang.cn


Similar Part No. - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1S2076A HITACHI-1S2076A Datasheet
27Kb / 6P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
logo
Renesas Technology Corp
1S2076A RENESAS-1S2076A Datasheet
143Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
SynSemi, Inc.
1S2076A SYNSEMI-1S2076A Datasheet
29Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Kwang Myoung I.S. CO.,L...
1S2076A KISEMICONDUCTOR-1S2076A Datasheet
374Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
EIC discrete Semiconduc...
1S2076A EIC-1S2076A Datasheet
95Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

Similar Description - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
   Ceramic Glass Seal
logo
Golledge Electronics Lt...
GSX-532B GOLLEDGE-GSX-532B Datasheet
568Kb / 4P
   Four Pad SM Crystal with Glass Seal
GSX-532A GOLLEDGE-GSX-532A Datasheet
566Kb / 4P
   Two Pad SM Crystal with Glass Seal
logo
Fox Electronics
FEG FOX-FEG Datasheet
223Kb / 2P
   Glass Seal SMD Crystal
logo
AVX Corporation
CYFR10 AVX-CYFR10 Datasheet
76Kb / 2P
   Glass Capacitors CYFR10, 15 (High Reliability)
logo
Naina Semiconductor ltd...
NPIS20 NAINA-NPIS20 Datasheet
175Kb / 2P
   Improved glass passivation for high reliability
NPSS20 NAINA-NPSS20 Datasheet
170Kb / 2P
   Improved glass passivation for high reliability
NPS40 NAINA-NPS40 Datasheet
153Kb / 2P
   Improved glass passivation for high reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com