Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1958YRS Datasheet(PDF) 2 Page - Analog Devices

Part # AD1958YRS
Description  PLL/Multibit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1958YRS Datasheet(HTML) 2 Page - Analog Devices

  AD1958YRS Datasheet HTML 1Page - Analog Devices AD1958YRS Datasheet HTML 2Page - Analog Devices AD1958YRS Datasheet HTML 3Page - Analog Devices AD1958YRS Datasheet HTML 4Page - Analog Devices AD1958YRS Datasheet HTML 5Page - Analog Devices AD1958YRS Datasheet HTML 6Page - Analog Devices AD1958YRS Datasheet HTML 7Page - Analog Devices AD1958YRS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
AD1958–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages
(AVDD, DVDD, PVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz (256
× fS Mode)
Input Signal
996.0938 Hz,
0 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
24 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Input Voltage HI
2.0 V
Input Voltage LO
0.8 V
ANALOG PERFORMANCE
Min
Typ
Max
Unit
Resolution
24
Bits
Signal-to-Noise Ratio (20 Hz to 20 kHz)
No Filter (Stereo)
105
dB
With A-Weighted Filter (Stereo)
108
dB
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter (Stereo)
105
dB
With A-Weighted Filter (Stereo)
102
109
dB
Total Harmonic Distortion + Noise (Stereo)
–90
–96
dB
PLL Performance
Master Clock Input Frequency
27
MHz
Generated System Clocks
SCLK0
33.8688
MHz
SCLK1
12.288
MHz
SCLK2
22.5792
MHz
Jitter (SCLK0 and SCLK1)
110
175
ps rms
Jitter (MCLK)
60
100
ps rms
Duty Cycle (SCLK0, SCLK1)
1
50
%
Duty Cycle (MCLK)
49
50
51
%
Analog Outputs
Single-Ended Output Range (
±Full Scale)
3.17
V p-p
Output Capacitance at Each Output Pin
2
pF
Out-of-Band Energy (0.5
× f
S to 100 kHz)
–90
dB
VREF (FILTR)
2.39
V
DC Accuracy
Gain Error
–5
±2.0
+5
%
Interchannel Gain Mismatch
–0.15
±0.015
+0.15
dB
Gain Drift
150
250
ppm/
°C
DC Offset
–25
–3
+20
mV
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
NOTES
1In some combinations with Clock Configuration Mode = 1 (see Table III), SCLK will not be 50%.
2Performance of right and left channels is identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
Specifications subject to change without notice.
DIGITAL I/O (–40
°C to +105°C )
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.0
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 1 mA
3.5
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Capacitance
20
pF
Specifications subject to change without notice.


Similar Part No. - AD1958YRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
More results

Similar Description - AD1958YRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1959 AD-AD1959 Datasheet
107Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1959 AD-AD1959_15 Datasheet
104Kb / 8P
   PLL/Multibit DAC
REV. 0
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com