Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH105RNP-2R2NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH105RNP-2R2NC
Description  Ferrite drum core construction.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH105RNP-2R2NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH105RNP-2R2NC Datasheet HTML 1Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 2Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 3Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 4Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 5Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 6Page - Sumida Corporation CDRH105RNP-2R2NC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 6
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH105R
Electrical Characteristics
※1 Inductance measuring condition: at 100kHz.
※2 The saturation current: This indicates the value of DC current when the inductance decreases to 65% of it's nominal.
※3 The temperature rise: The value of DC current when the temperature rise is △T=40℃ (Ta=20℃).
0.42
0.48
1989 (1530)
1000
±30%
102
CDRH105RNP-102NC
0.48
0.50
1768 (1360)
820
±30%
821
CDRH105RNP-821NC
0.51
0.52
1599 (1230)
680
±30%
681
CDRH105RNP-681NC
0.52
0.54
1430 (1100)
560
±30%
561
CDRH105RNP-561NC
0.54
0.60
1289 (992)
470
±30%
471
CDRH105RNP-471NC
0.70
0.70
953 (733)
390
±30%
391
CDRH105RNP-391NC
0.73
0.75
812 (625)
330
±30%
331
CDRH105RNP-331NC
0.80
0.84
672 (512)
270
±30%
271
CDRH105RNP-271NC
0.94
0.94
500 (385)
220
±30%
221
CDRH105RNP-221NC
1.00
1.04
419 (322)
180
±30%
181
CDRH105RNP-181NC
1.10
1.12
370 (285)
150
±30%
151
CDRH105RNP-151NC
1.18
1.28
303 (233)
120
±30%
121
CDRH105RNP-121NC
1.35
1.35
253 (195)
100
±30%
101
CDRH105RNP-101NC
1.45
1.50
227 (175)
82
±30%
820
CDRH105RNP-820NC
1.60
1.65
201 (155)
68
±30%
680
CDRH105RNP-680NC
1.90
1.90
149 (115)
56
±30%
560
CDRH105RNP-560NC
2.00
2.00
130 (100)
47
±30%
470
CDRH105RNP-470NC
2.25
2.30
106 (82.0)
39
±30%
390
CDRH105RNP-390NC
2.50
2.40
84.0 (65.0)
33
±30%
330
CDRH105RNP-330NC
2.60
2.70
69.0 (53.0)
27
±30%
270
CDRH105RNP-270NC
2.90
2.95
61.0 (47.0)
22
±30%
220
CDRH105RNP-220NC
3.10
3.20
46.0 (35.0)
18
±30%
180
CDRH105RNP-180NC
3.40
3.60
41.0 (32.0)
15
±30%
150
CDRH105RNP-150NC
3.80
4.00
33.0 (25.0)
12
±30%
120
CDRH105RNP-120NC
4.50
4.45
26.0 (20.0)
10
±30%
100
CDRH105RNP-100NC
5.00
4.85
20.0 (16.0)
8.2
±30%
8R2
CDRH105RNP-8R2NC
5.40
5.40
18.0 (14.0)
6.8
±30%
6R8
CDRH105RNP-6R8NC
6.10
6.40
12.3 (9.5)
4.7
±30%
4R7
CDRH105RNP-4R7NC
6.50
7.80
10.4 (8.0)
3.3
±30%
3R3
CDRH105RNP-3R3NC
7.50
9.25
7.2 (5.6)
2.2
±30%
2R2
CDRH105RNP-2R2NC
8.30
10.5
5.8 (4.5)
1.5
±30%
1R5
CDRH105RNP-1R5NC
9.50
13.5
4.3 (3.3)
0.8
±30%
0R8
CDRH105RNP-0R8NC
Temperature
Rise Current
( A )
※3
Saturation
Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH105RNP-2R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH105RNP-2R2NC SUMIDA-CDRH105RNP-2R2NC Datasheet
212Kb / 6P
   SMD Power Inductor
More results

Similar Description - CDRH105RNP-2R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com