Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1890JP Datasheet(PDF) 6 Page - Analog Devices

Part # AD1890JP
Description  SamplePort Stereo Asynchronous Sample Rate Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1890JP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1890JP Datasheet HTML 2Page - Analog Devices AD1890JP Datasheet HTML 3Page - Analog Devices AD1890JP Datasheet HTML 4Page - Analog Devices AD1890JP Datasheet HTML 5Page - Analog Devices AD1890JP Datasheet HTML 6Page - Analog Devices AD1890JP Datasheet HTML 7Page - Analog Devices AD1890JP Datasheet HTML 8Page - Analog Devices AD1890JP Datasheet HTML 9Page - Analog Devices AD1890JP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1890/AD1891
–6–
REV. 0
Output Control Signals
Pin Name
Number
I/O
Description
BKPOL_O
19
I
Bit clock polarity. LO: Normal mode. Output data is valid on rising edges of BCLK_O, changed
on falling. HI: Inverted mode. Output data is valid on falling edges of BCLK_O, changed on rising.
TRGLR_O
18
I
Trigger on LR_O. HI: Changes in LR_O indicate beginning
1 of valid output data. LO: Rising
edge of WCLK_O indicates beginning of valid output data.
MSBDLY_O 17
I
MSB delay. HI: Output data is delayed one BCLK_O after either LR_O (TRGLR_O = HI) or
WCLK_O (TRGLR_O = LO) indicates the beginning of valid output data. Included for I
2S data
format compatibility. LO: No delay.
Miscellaneous
Pin Name
Number
I/O
Description
GPDLYS
1
I
AD1890 ONLY: Group delay—short. HI: Short group delay mode (
≈700 µs). More sensitive to
changes in sample rates (LR clocks). LO: Long group delay mode (
≈3 ms). More tolerant of
sample rate changes. This signal may be asynchronous with respect to MCLK, and dynamically
changed, but is normally pulled up or pulled down on a static basis. AD1891: Short group delay
mode only; this pin is a N/C.
MCLK
2
I
Master clock input. Nominally 16 MHz for sampling frequencies (FS, word rates) from 8 kHz to
56 kHz. Exact frequency is not critical, and does not need to be synchronized to any other clock
or possess low jitter.
RESET
13
I
Active LO reset. Set HI for normal chip operation.
MUTE_O
16
O
Mute output. HI indicates that data is not currently valid due to read and write FIFO memory
pointer overlap. LO indicates normal operation.
MUTE_I
15
I
Mute input. HI mutes the serial output to zeros (midscale). Normally connected to MUTE_O.
Reset LO for normal operation.
SETLSLW
28
I
Settle slowly to changes in sample rates. HI: Slow-settling mode (
≈800 ms). Less sensitive to
sample clock jitter. LO: Fast-settling mode (
≈200 ms). Some narrow-band noise modulation may
result from jitter on LR clocks. This signal may be asynchronous with respect to MCLK, and
dynamically changed, but is normally pulled up or pulled down on a static basis.
N/C
9, 20
No connect. Reserved. Do not connect.
Power Supply Connections
Pin Name
Number
I/O
Description
VDD
7, 22
I
Positive digital voltage supply.
GND
8, 14, 21, 27
I
Digital ground. Pins 14 and 27 need not be decoupled.
NOTE
1The beginning of valid data will be delayed by one BCLK_O if MSBDEL _O is selected (Hl).


Similar Part No. - AD1890JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

Similar Description - AD1890JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com