Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D22HPNP-560MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D22HPNP-560MC
Description  Ferrite drum core construction.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D22HPNP-560MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D22HPNP-560MC Datasheet HTML 1Page - Sumida Corporation CDRH4D22HPNP-560MC Datasheet HTML 2Page - Sumida Corporation CDRH4D22HPNP-560MC Datasheet HTML 3Page - Sumida Corporation CDRH4D22HPNP-560MC Datasheet HTML 4Page - Sumida Corporation CDRH4D22HPNP-560MC Datasheet HTML 5Page - Sumida Corporation CDRH4D22HPNP-560MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 5
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D22/HP
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.35
0.38
0.48
1370(1096.0)
100
±20%
101
CDRH4D22HPNP-101MC
0.40
0.45
0.55
1221(977.0)
82
±20%
820
CDRH4D22HPNP-820MC
0.45
0.48
0.60
913.0(730.4)
68
±20%
680
CDRH4D22HPNP-680MC
0.48
0.52
0.65
810.0(648.2)
56
±20%
560
CDRH4D22HPNP-560MC
0.50
0.56
0.70
723.3(578.6)
47
±20%
470
CDRH4D22HPNP-470MC
0.52
0.60
0.75
667.9(534.3)
39
±20%
390
CDRH4D22HPNP-390MC
0.65
0.68
0.80
448.9(359.0)
33
±20%
330
CDRH4D22HPNP-330MC
0.70
0.75
0.90
393.9(315.0)
27
±20%
270
CDRH4D22HPNP-270MC
0.90
0.85
1.05
267.0(213.6)
22
±20%
220
CDRH4D22HPNP-220MC
0.80
0.90
1.10
238.7(191.0)
18
±20%
180
CDRH4D22HPNP-180MC
0.85
1.00
1.20
212.9(170.3)
15
±20%
150
CDRH4D22HPNP-150MC
1.10
1.10
1.30
187.2(150.0)
12
±20%
120
CDRH4D22HPNP-120MC
1.30
1.20
1.50
143.8(115.0)
10
±20%
100
CDRH4D22HPNP-100MC
1.35
1.40
1.65
128.3(102.6)
8.2
±25%
8R2
CDRH4D22HPNP-8R2NC
1.40
1.50
1.85
110.0(87.9)
6.3
±25%
6R3
CDRH4D22HPNP-6R3NC
1.70
1.65
2.00
92.8(74.3)
5.2
±25%
5R2
CDRH4D22HPNP-5R2NC
1.80
1.80
2.20
82.6(66.0)
4.7
±25%
4R7
CDRH4D22HPNP-4R7NC
2.00
2.10
2.50
65.1(52.0)
3.5
±25%
3R5
CDRH4D22HPNP-3R5NC
2.20
2.35
2.80
57.8(46.3)
2.7
±25%
2R7
CDRH4D22HPNP-2R7NC
2.40
2.50
3.20
44.3(35.4)
2.2
±25%
2R2
CDRH4D22HPNP-2R2NC
3.00
3.20
3.90
31.3(25.0)
1.5
±25%
1R5
CDRH4D22HPNP-1R5NC
3.20
3.40
4.20
26.5(21.2)
1.2
±25%
1R2
CDRH4D22HPNP-1R2NC
at 100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH4D22HPNP-560MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22HPNP-560MC SUMIDA-CDRH4D22HPNP-560MC Datasheet
176Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH4D22HPNP-560MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com