Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH3D23NP-150MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D23NP-150MC
Description  Ferrite drum core construction.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D23NP-150MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D23NP-150MC Datasheet HTML 1Page - Sumida Corporation CDRH3D23NP-150MC Datasheet HTML 2Page - Sumida Corporation CDRH3D23NP-150MC Datasheet HTML 3Page - Sumida Corporation CDRH3D23NP-150MC Datasheet HTML 4Page - Sumida Corporation CDRH3D23NP-150MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 4
Revised: 4-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH3D23
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.55
0.25
0.35
546(441)
47.0
±20%
M
CDRH3D23NP-470MC
0.60
0.35
0.50
381(307)
33.0
±20%
L
CDRH3D23NP-330MC
0.75
0.40
0.55
270(219)
22.0
±20%
K
CDRH3D23NP-220MC
0.85
0.50
0.70
191(154)
15.0
±20%
J
CDRH3D23NP-150MC
1.40
0.60
0.85
117(95)
10.0
±20%
I
CDRH3D23NP-100MC
1.60
0.70
0.95
94.8(77)
8.2
±25%
H
CDRH3D23NP-8R2PC
1.70
0.75
1.00
87.8(72)
6.8
±25%
G
CDRH3D23NP-6R8PC
1.80
0.80
1.10
75.0(60)
5.6
±25%
F
CDRH3D23NP-5R6PC
1.90
0.95
1.30
68.8(55)
4.7
±25%
E
CDRH3D23NP-4R7PC
2.20
1.10
1.45
56.3(45)
3.3
±25%
D
CDRH3D23NP-3R3PC
2.50
1.30
1.80
38.3(31)
2.2
±25%
C
CDRH3D23NP-2R2PC
2.90
1.65
2.20
29.0(24)
1.5
±25%
B
CDRH3D23NP-1R5PC
3.10
2.00
2.80
25.0(20)
1.0
±25%
A
CDRH3D23NP-1R0PC
3.30
2.40
3.10
23.5(18.8)
0.47
±30%
A
CDRH3D23NP-R47NC
at 105
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
( A )
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[within]
※1
Stamp
Part Name


Similar Part No. - CDRH3D23NP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23NP-150MC SUMIDA-CDRH3D23NP-150MC Datasheet
173Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH3D23NP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com