Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH2D11NP-4R7N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D11NP-4R7N
Description  Magnetically shielded construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D11NP-4R7N Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D11NP-4R7N Datasheet HTML 1Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 2Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 3Page - Sumida Corporation CDRH2D11NP-4R7N Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH2D11, CDRH2D11/HP, CDRH2D11B, ,CDRH2D11B/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
Specification(CDRH2D11)
Saturation current
(A)
※1
Part Name
Stamp
Inductance
(
μH)
100kHz/1V
D.C.R. (m
Ω)
Max.(Typ.)
( 20
℃)
20
100
Temperature
rise current
(A)
※2
CDRH2D11NP-1R5N
A
1.5
±30%
68(54)
0.90
0.68
1.48
CDRH2D11NP-2R2N
C
2.2
±30%
98(78)
0.78
0.58
1.27
CDRH2D11NP-3R3N
E
3.3
±30%
123(98)
0.60
0.45
1.02
CDRH2D11NP-4R7N
G
4.7
±30%
170(135)
0.50
0.37
0.88
CDRH2D11NP-6R8N
I
6.8
±30%
260(210)
0.44
0.33
0.80
CDRH2D11NP-100N
K
10.0
±30%
400(320)
0.35
0.26
0.65
Specification (CDRH2D11/HP)
Saturation current
(A)
※1
Part Name
Stamp
Inductance
(
μH)
100kHz/1V
D.C.R. (m
Ω)
Max.(Typ.)
(20
℃)
20
100
Temperature
rise current
(A)
※2
CDRH2D11/HPNP-1R5N
A
1.5
±30%
80(64)
1.35
1.0
1.60
CDRH2D11/HPNP-2R2N
C
2.2
±30%
120(96)
1.10
0.72
1.30
CDRH2D11/HPNP-3R3N
E
3.3
±30%
173(138)
0.90
0.65
0.90
CDRH2D11/HPNP-4R7N
G
4.7
±30%
238(190)
0.75
0.52
0.85
CDRH2D11/HPNP-6R8N
I
6.8
±30%
371(297)
0.63
0.45
0.65
CDRH2D11/HPNP-100N
K
10.0
±30%
559(447)
0.52
0.37
0.52
Specification (CDRH2D11B)
Saturation current
(A)
※1
Part Name
Stamp
Inductance
(
μH)
100kHz/1V
D.C.R. (m
Ω)
Max.(Typ.)
(20
℃)
20
100
Temperature
rise current
(A)
※2
CDRH2D11BNP-1R0N
A
1.0±25
62.6(50.1)
1.50
1.25
1.70
CDRH2D11BNP-1R5N
B
1.5±25
84.3(67.4)
1.25
1.05
1.45
CDRH2D11BNP-2R2N
C
2.2±25
95.5(76.4)
1.10
0.9
1.40
CDRH2D11BNP-2R7N
D
2.7±25
120(95.6)
0.92
0.75
1.20
CDRH2D11BNP-3R3N
E
3.3±25
154(123)
0.88
0.70
1.00
CDRH2D11BNP-4R7N
F
4.7±25
248(198)
0.70
0.56
0.80
CDRH2D11BNP-5R6N
G
5.6±25
264(211)
0.65
0.54
0.75
CDRH2D11BNP-6R8N
H
6.8±25
284(227)
0.60
0.50
0.72
CDRH2D11BNP-8R2N
I
8.2±25
376(301)
0.52
0.44
0.60
CDRH2D11BNP-100N
J
10.0±25
428(342)
0.48
0.40
0.58
CDRH2D11BNP-150N
K
15.0±25
663(530)
0.40
0.33
0.46
CDRH2D11BNP-180N
L
18.0±25
730(584)
0.36
0.30
0.43
CDRH2D11BNP-220N
M
22.0±25
801(641)
0.35
0.26
0.42


Similar Part No. - CDRH2D11NP-4R7N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D11NP-4R7NB SUMIDA-CDRH2D11NP-4R7NB Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-4R7NC SUMIDA-CDRH2D11NP-4R7NC Datasheet
207Kb / 2P
   Power Inductors
CDRH2D11NP-4R7NC SUMIDA-CDRH2D11NP-4R7NC Datasheet
170Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDRH2D11NP-4R7N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
   Magnetically shielded construction
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
   Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
   Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
   Magnetically Shielded Construction
logo
Sumida Corporation
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
   Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
   Magnetically shielded construction, Excellent Power Density
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com