Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL04083BBS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBTL04083BBS
Description  CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04083BBS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBTL04083BBS Datasheet HTML 4Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 5Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 6Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 7Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 8Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 9Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 10Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 11Page - NXP Semiconductors CBTL04083BBS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CBTL04083A_CBTL04083B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 25 June 2012
8 of 19
NXP Semiconductors
CBTL04083A; CBTL04083B
3.3 V, 4 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen3
9.
Limiting values
[1]
Human Body Model: ANSI/EOS/ESD-S5.1-1994, standard for ESD sensitivity testing, Human Body Model -
Component level; Electrostatic Discharge Association, Rome, NY, USA.
[2]
Charged Device Model: ANSI/EOS/ESD-S5.3-1-1999, standard for ESD sensitivity testing, Charged Device
Model - Component level; Electrostatic Discharge Association, Rome, NY, USA.
10. Recommended operating conditions
11. Static characteristics
[1]
Typical values are at VDD = 3.3 V, Tamb =25
°C, and maximum loading.
[2]
Input leakage current is
±50 μA if differential pairs are pulled to HIGH and LOW.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+4.6
V
Tcase
case temperature
−40
+85
°C
VESD
electrostatic discharge voltage
HBM
[1] -
2000
V
CDM
[2] -
1000
V
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
3.3
3.6
V
VI
input voltage
-
-
VDD
V
Tamb
ambient temperature
operating in free air
−40
-
+85
°C
Table 7.
Static characteristics
VDD = 3.3 V
± 10 %; Tamb = 40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD
supply current
operating mode (both XSD01
and XSD23 are LOW);
VDD =max.
-2.7
5
mA
shutdown mode (both XSD01
and XSD23 are HIGH);
VDD =max.
--
1
μA
IIH
HIGH-level input current
VDD = max.; VI =VDD
--
±5[2]
μA
IIL
LOW-level input current
VDD = max.; VI =GND
-
-
±5[2]
μA
VIH
HIGH-level input voltage
SEL, XSD01, XSD23 pins
0.65VDD
--
V
VIL
LOW-level input voltage
SEL, XSD01, XSD23 pins
−0.5
-
0.35VDD
V
VI
input voltage
differential pins
-
-
2.4
V
SEL, XSD01, XSD23 pins
-
-
VDD
V
VIC
common-mode input voltage
0
-
2
V
VID
differential input voltage
peak-to-peak
-
-
1.6
V


Similar Part No. - CBTL04083BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082ABS NXP-CBTL04082ABS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082BBS NXP-CBTL04082BBS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
More results

Similar Description - CBTL04083BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
logo
ON Semiconductor
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
NXP Semiconductors
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
logo
Texas Instruments
TS2PCIE412 TI1-TS2PCIE412 Datasheet
570Kb / 17P
[Old version datasheet]   4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com