Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL04083ABS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CBTL04083ABS
Description  CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04083ABS Datasheet(HTML) 5 Page - NXP Semiconductors

  CBTL04083ABS Datasheet HTML 1Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 2Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 3Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 4Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 5Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 6Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 7Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 8Page - NXP Semiconductors CBTL04083ABS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CBTL04083A_CBTL04083B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 25 June 2012
5 of 19
NXP Semiconductors
CBTL04083A; CBTL04083B
3.3 V, 4 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen3
[1]
HVQFN32 package die supply ground is connected to both GND pins and exposed center pad. GND pins and the exposed center pad
must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board level performance, the
exposed pad needs to be soldered to the board using a corresponding thermal pad on the board and for proper heat conduction through
the board, thermal vias need to be incorporated in the printed-circuit board in the thermal pad region.
B0_P
38
37
I/O
channel 0, port B differential signal input/output
B0_N
37
36
I/O
B1_P
36
33
I/O
channel 1, port B differential signal input/output
B1_N
35
32
I/O
B2_P
29
28
I/O
channel 2, port B differential signal input/output
B2_N
28
27
I/O
B3_P
27
24
I/O
channel 3, port B differential signal input/output
B3_N
26
23
I/O
C0_P
34
3
I/O
channel 0, port C differential signal input/output
C0_N
33
4
I/O
C1_P
32
7
I/O
channel 1, port C differential signal input/output
C1_N
31
8
I/O
C2_P
25
12
I/O
channel 2, port C differential signal input/output
C2_N
24
13
I/O
C3_P
23
16
I/O
channel 3, port C differential signal input/output
C3_N
22
17
I/O
SEL
9
30
CMOS
single-ended input
operation mode select
SEL = LOW: A
→ B
SEL = HIGH: A
→ C
XSD01
41
40
CMOS
single-ended input
Shutdown pin; should be driven LOW or connected to
GND for normal operation. When HIGH, channel 0 and
channel 1 are switched off (non-conducting
high-impedance state), and supply current consumption
is minimized.
XSD23
19
20
CMOS
single-ended input
Shutdown pin; should be driven LOW or connected to
GND for normal operation. When HIGH, channel 2 and
channel 3 are switched off (non-conducting
high-impedance state), and supply current consumption
is minimized.
VDD
5, 8, 13, 18,
20, 30, 40, 42
9, 19, 21, 26,
31, 34, 39, 41
power
positive supply voltage, 3.3 V
± 10 %
GND[1]
1, 4, 10, 14,
17, 21, 39,
center pad
18, 22, 25,
29, 35, 38, 42,
center pad
ground
supply ground
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
CBTL04083A
CBTL04083B


Similar Part No. - CBTL04083ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082ABS NXP-CBTL04082ABS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL04082BBS NXP-CBTL04082BBS Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
More results

Similar Description - CBTL04083ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL04082A NXP-CBTL04082A Datasheet
175Kb / 19P
   CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Rev. 1-28 February 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
logo
ON Semiconductor
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
NXP Semiconductors
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
logo
Texas Instruments
TS2PCIE412 TI1-TS2PCIE412 Datasheet
570Kb / 17P
[Old version datasheet]   4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com