Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTL04082A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTL04082A
Description  CBTL04082A/B is an 8-to-4 bidirectional differential channel multiplexer/demultiplexer switch for PCI Express Generation 2 (Gen2) applications.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04082A Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTL04082A Datasheet HTML 1Page - NXP Semiconductors CBTL04082A Datasheet HTML 2Page - NXP Semiconductors CBTL04082A Datasheet HTML 3Page - NXP Semiconductors CBTL04082A Datasheet HTML 4Page - NXP Semiconductors CBTL04082A Datasheet HTML 5Page - NXP Semiconductors CBTL04082A Datasheet HTML 6Page - NXP Semiconductors CBTL04082A Datasheet HTML 7Page - NXP Semiconductors CBTL04082A Datasheet HTML 8Page - NXP Semiconductors CBTL04082A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CBTL04082A_CBTL04082B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 February 2011
2 of 18
NXP Semiconductors
CBTL04082A; CBTL04082B
3.3 V, 4 differential channel, 2 : 1 MUX/deMUX switch for PCIe Gen2
3.
Applications
Routing of high-speed differential signals with low signal attenuation
PCIe Gen2
DisplayPort 1.2
USB 3.0
SATA 6 Gbit/s
4.
Ordering information
[1]
Total height after printed-circuit board mounting = 1.0 mm (maximum).
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
CBTL04082ABS
HVQFN42
plastic thermal enhanced very thin quad flat package; no leads;
42 terminals; body 3.5
× 9 × 0.85 mm[1]
SOT1144-1
CBTL04082BBS
HVQFN42
plastic thermal enhanced very thin quad flat package; no leads;
42 terminals; body 3.5
× 9 × 0.85 mm[1]
SOT1144-1
Fig 1.
Functional diagram of CBTL04082A; CBTL04082B
002aaf752
A0_P
A0_N
A1_P
A1_N
B0_P
B0_N
B1_P
B1_N
C0_P
C0_N
C1_P
C1_N
A2_P
A2_N
A3_P
A3_N
B2_P
B2_N
B3_P
B3_N
C2_P
C2_N
C3_P
C3_N
SEL
XSD01
XSD23


Similar Part No. - CBTL04082A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04083A NXP-CBTL04083A Datasheet
447Kb / 20P
   CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Rev. 4-25 June 2012
CBTL04083ABS NXP-CBTL04083ABS Datasheet
447Kb / 20P
   CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Rev. 4-25 June 2012
CBTL04083BBS NXP-CBTL04083BBS Datasheet
447Kb / 20P
   CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Rev. 4-25 June 2012
More results

Similar Description - CBTL04082A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04083A NXP-CBTL04083A Datasheet
447Kb / 20P
   CBTL04083A/B is a 4 differential channel, 2-to-1 multiplexer/demultiplexer switch for PCI Express Generation 3 (Gen3) applications.
Rev. 4-25 June 2012
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
logo
Texas Instruments
TS2PCIE412 TI1-TS2PCIE412 Datasheet
570Kb / 17P
[Old version datasheet]   4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
logo
NXP Semiconductors
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
   3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
CBTL01023 NXP-CBTL01023 Datasheet
105Kb / 14P
   3.3 V, one differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1 ??24 October 2011
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
   16-Lane 4-Port Gen2 PCI Express Switch
logo
ON Semiconductor
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Renesas Technology Corp
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
   4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
logo
Texas Instruments
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com