Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF41020 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF41020
Description  The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41020 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF41020 Datasheet HTML 8Page - Analog Devices ADF41020 Datasheet HTML 9Page - Analog Devices ADF41020 Datasheet HTML 10Page - Analog Devices ADF41020 Datasheet HTML 11Page - Analog Devices ADF41020 Datasheet HTML 12Page - Analog Devices ADF41020 Datasheet HTML 13Page - Analog Devices ADF41020 Datasheet HTML 14Page - Analog Devices ADF41020 Datasheet HTML 15Page - Analog Devices ADF41020 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADF41020
Rev. 0 | Page 15 of 16
APPLICATIONS INFORMATION
INTERFACING
The ADF41020 has a simple 1.8 V and 3 V SPI-compatible
serial interface for writing to the device. CLK, DATA, and
LE control the data transfer. When LE goes high, the 24 bits
clocked into the input register on each rising edge of CLK
are transferred to the appropriate latch. See Figure 2 for the
timing diagram and Table 5 for the latch truth table.
The maximum allowable serial clock rate is 20 MHz.
ADuC7020 Interface
Figure 18 shows the interface between the ADF41020 and the
ADuC7019 to ADuC7023 family of analog microcontrollers.
The ADuC70xx family is based on an AMR7 core, although the
same interface can be used with any 8051-based micro-
controller. The microcontroller is set up for SPI master mode
with CPHA = 0. To initiate the operation, the I/O port driving
LE is brought low. Each latch of the ADF41020 needs a 24-bit
word. This is accomplished by writing three 8-bit bytes from the
microcontroller to the device. When the third byte is written,
bring the LE input high to complete the transfer.
On first applying power to the ADF41020, it needs three writes
(one each to the function latch, R counter latch, and N counter
latch) for the output to become active.
I/O port lines on the microcontroller are also used to control
power-down (CE input) and to detect lock (MUXOUT
configured as lock detect and polled by the port input).
When operating in the mode described, the maximum SPI
transfer rate of the ADuC7023 is 20 Mbps. This means that
the maximum rate at which the output frequency can be
changed is 833 kHz. If using a faster SPI clock, ensure
adherence to the SPI timing requirements listed in Table 1.
Figure 18. ADuC70xx-to-ADF41020 Interface
Blackfin BF527 Interface
Figure 19 shows the interface between the ADF41020 and
the Blackfin® ADSP-BF527 digital signal processor (DSP). The
ADF41020 needs a 24-bit serial word for each latch write. The
easiest way to accomplish this using the Blackfin family is to
use the autobuffered transmit mode of operation with alternate
framing. This provides a means for transmitting an entire block
of serial data before an interrupt is generated. Set up the word
length for 8 bits and use three memory locations for each 24-bit
word. To program each 24-bit latch, store the three 8-bit bytes,
enable the autobuffered mode, and write to the transmit register
of the DSP. This last operation initiates the autobuffer transfer.
As in the microcontroller case, ensure the clock speeds are
within the maximum limits outlined in Table 1.
Figure 19. ADSP-BF527-to-ADF41020 Interface
PCB DESIGN GUIDELINES
The lands on the LFCSP (CP-20) are rectangular. The printed
circuit board (PCB) pad for these should be 0.1 mm longer than
the package land length and 0.05 mm wider than the package
land width. Center the land on the pad to ensure that the solder
joint size is maximized. The bottom of the LFCSP has a central
thermal pad.
The thermal pad on the PCB should be at least as large as the
exposed pad. To avoid shorting, on the PCB, provide a
clearance of at least 0.25 mm between the thermal pad and the
inner edges of the pad pattern.
Thermal vias may be used on the PCB thermal pad to improve
thermal performance of the package. If vias are used, they should
be incorporated in the thermal pad at 1.2 mm pitch grid. The
via diameter should be between 0.3 mm and 0.33 mm, and plate
the via barrel with 1 oz copper to plug the via.
Connect the PCB thermal pad to GND.
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
MOSI
ADF41020
SCLOCK
I/O PORTS
ADuC70xx
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
MOSI
ADF41020
SCK
I/O FLAGS
ADSP-BF527 GPIO


Similar Part No. - ADF41020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41020 AD-ADF41020 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020BCPZ AD-ADF41020BCPZ Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020BCPZ-RL7 AD-ADF41020BCPZ-RL7 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020 AD-ADF41020_14 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
More results

Similar Description - ADF41020

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
   Sound Up-Conversion Frequency Synthesizer
logo
Shenzhen Huazhimei Semi...
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Omron Electronics LLC
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com