Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5142ABRUZ100 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5142ABRUZ100
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5142ABRUZ100 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5142ABRUZ100 Datasheet HTML 5Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 6Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 7Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 8Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 9Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 10Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 11Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 12Page - Analog Devices AD5142ABRUZ100 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. A | Page 9 of 32
INTERFACE TIMING SPECIFICATIONS
VLOGIC = 1.8 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
fSCL2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
t1
Standard mode
4.0
µs
SCL high time, tHIGH
Fast mode
0.6
µs
t2
Standard mode
4.7
µs
SCL low time, tLOW
Fast mode
1.3
µs
t3
Standard mode
250
ns
Data setup time, tSU; DAT
Fast mode
100
ns
t4
Standard mode
0
3.45
µs
Data hold time, tHD; DAT
Fast mode
0
0.9
µs
t5
Standard mode
4.7
µs
Setup time for a repeated start condition, tSU; STA
Fast mode
0.6
µs
t6
Standard mode
4
µs
Hold time (repeated) for a start condition, tHD; STA
Fast mode
0.6
µs
t7
Standard mode
4.7
µs
Bus free time between a stop and a start condition, tBUF
Fast mode
1.3
µs
t8
Standard mode
4
µs
Setup time for a stop condition, tSU; STO
Fast mode
0.6
µs
t9
Standard mode
1000
ns
Rise time of SDA signal, tRDA
Fast mode
20 + 0.1 CL
300
ns
t10
Standard mode
300
ns
Fall time of SDA signal, tFDA
Fast mode
20 + 0.1 CL
300
ns
t11
Standard mode
1000
ns
Rise time of SCL signal, tRCL
Fast mode
20 + 0.1 CL
300
ns
t11A
Standard mode
1000
ns
Rise time of SCL signal after a repeated start condition
and after an acknowledge bit, tRCL1 (not shown in Figure 3)
Fast mode
20 + 0.1 CL
300
ns
t12
Standard mode
300
ns
Fall time of SCL signal, tFCL
Fast mode
20 + 0.1 CL
300
ns
tSP3
Fast mode
0
50
ns
Pulse width of suppressed spike (not shown in Figure 3)
t
RESET
0.1
10
µs
RESET low time (not shown in Figure 3)
tEEPROM_PROGRAM4
15
50
ms
Memory program time (not shown in Figure 3)
tEEPROM_READBACK
7
30
µs
Memory readback time (not shown in Figure 3)
tPOWER_UP5
75
µs
Power-on EEPROM restore time (not shown in Figure 3)
tRESET
30
µs
Reset EEPROM restore time (not shown in Figure 3)
1
Maximum bus capacitance is limited to 400 pF.
2
The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate; however, it has a negative effect on the
EMC behavior of the part.
3
Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
4
The EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
5
Maximum time after VDD − VSS is equal to 2.3 V.


Similar Part No. - AD5142ABRUZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5142ABRUZ100 AD-AD5142ABRUZ100 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ100-RL7 AD-AD5142ABRUZ100-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results

Similar Description - AD5142ABRUZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721_11 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com