Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5124BRUZ10-RL7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5124BRUZ10-RL7
Description  The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124BRUZ10-RL7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5124BRUZ10-RL7 Datasheet HTML 14Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 15Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 16Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 17Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 18Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 19Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 20Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 21Page - Analog Devices AD5124BRUZ10-RL7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD5124/AD5144/AD5144A
Data Sheet
Rev. A | Page 18 of 36
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 18. INL vs. Code (AD5124)
–50
0
50
100
150
200
250
300
350
400
450
CODE (Decimal)
100k
10k
0
50
100
150
200
255
0
25
50
75
100
127
AD5124
AD5144/
AD5144A
Figure 19. Potentiometer Mode Temperature Coefficient ((ΔVW/VW)/ΔT × 106)
vs. Code
0
100
200
300
400
500
600
700
800
–40
10
60
125
110
TEMPERATURE (°C)
IDD, VDD = 2.3V
IDD, VDD = 3.3V
IDD, VDD = 5V
ILOGIC, VLOGIC = 2.3V
ILOGIC, VLOGIC = 3.3V
ILOGIC, VLOGIC = 5V
VDD = VLOGIC
VSS = GND
Figure 20. Supply Current vs. Temperature
–0.14
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0
50
100
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 21. DNL vs. Code (AD5124)
AD5124
AD5144/
AD5144A
–50
0
50
100
150
200
250
300
350
400
450
10kΩ
100kΩ
CODE (Decimal)
0
50
100
150
200
255
0
25
50
75
100
127
Figure 22. Rheostat Mode Temperature Coefficient ((ΔRWB/RWB)/ΔT × 106)
vs. Code
0
200
400
600
800
1000
1200
0
1
2
3
4
5
INPUT VOLATGE (V)
I2C, VLOGIC = 1.8V
I2C, VLOGIC = 2.3V
I2C, VLOGIC = 3.3V
I2C, VLOGIC = 5V
I2C, VLOGIC = 5.5V
SPI, VLOGIC = 1.8V
SPI, VLOGIC = 2.3V
SPI, VLOGIC = 3.3V
SPI, VLOGIC = 5V
SPI, VLOGIC = 5.5V
Figure 23. ILOGIC Current vs. Digital Input Voltage


Similar Part No. - AD5124BRUZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5124BRUZ10-RL7 AD-AD5124BRUZ10-RL7 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Similar Description - AD5124BRUZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5122 AD-AD5122 Datasheet
649Kb / 32P
   The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com