Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5122ABRUZ10-RL7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5122ABRUZ10-RL7
Description  The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122ABRUZ10-RL7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5122ABRUZ10-RL7 Datasheet HTML 21Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 22Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 23Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 24Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 25Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 26Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 27Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 28Page - Analog Devices AD5122ABRUZ10-RL7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD5122A/AD5142A
Rev. A | Page 25 of 32
Table 18. Control Register Bit Descriptions
Bit Name
Description
D0
RDAC register write protect
0 = wiper position frozen to value in EEPROM memory
1 = allows update of wiper position through digital interface (default)
D1
EEPROM program enable
0 = EEPROM program disabled
1 = enables device for EEPROM program (default)
D2
Linear setting mode/potentiometer mode
0 = potentiometer mode (default)
1 = linear gain setting mode
D3
Burst mode (I2C only)
0 = disabled (default)
1 = enabled (no disable after stop or repeated start condition)


Similar Part No. - AD5122ABRUZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5122ABRUZ10-RL7 AD-AD5122ABRUZ10-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results

Similar Description - AD5122ABRUZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721 AD-ADG721_11 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com