Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5122BRUZ10-RL7 Datasheet(PDF) 24 Page - Analog Devices

Part No. AD5122BRUZ10-RL7
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the Ax, Bx, and Wx pins.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122BRUZ10-RL7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5122BRUZ10-RL7 Datasheet HTML 20Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 21Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 22Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 23Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 24Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 25Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 26Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 27Page - Analog Devices AD5122BRUZ10-RL7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 24 of 32
±6 dB Increment and Decrement Instructions
Two programming instructions produce logarithmic taper
increment or decrement of the wiper position control by
an individual potentiometer or by a ganged potentiometer
arrangement where all RDAC register positions are changed
simultaneously. The +6 dB increment is activated by Command 6,
and the −6 dB decrement is activated by Command 7 (see Table 16).
For example, starting with the zero-scale position and executing
Command 6 ten times moves the wiper in 6 dB steps to the full-
scale position. When the wiper position is near the maximum setting,
the last 6 dB increment instruction causes the wiper to go to the
full-scale position (see Table 14).
Incrementing the wiper position by +6 dB essentially doubles the
RDAC register value, whereas decrementing the wiper position by
−6 dB halves the register value. Internally, the AD5122/AD5142 use
shift registers to shift the bits left and right to achieve a ±6 dB
increment or decrement. These functions are useful for various
audio/video level adjustments, especially for white LED brightness
settings in which human visual responses are more sensitive to
large adjustments than to small adjustments.
Table 14. Detailed Left Shift and Right Shift Functions for
the ±6 dB Step Increment and Decrement
Left Shift (+6 dB/Step)
Right Shift (−6 dB/Step)
0000 0000
1111 1111
0000 0001
0111 1111
0000 0010
0011 1111
0000 0100
0001 1111
0000 1000
0000 1111
0001 0000
0000 0111
0010 0000
0000 0011
0100 0000
0000 0001
1000 0000
0000 0000
1111 1111
0000 0000
Reset
The AD5122/AD5142 can be reset through software by executing
Command 14 (see Table 16) or through hardware on the low pulse
of the RESET pin. The reset command loads the RDAC registers
with the contents of the EEPROM and takes approximately 30 µs.
The EEPROM is preloaded to midscale at the factory, and initial
power-up is, accordingly, at midscale. Tie RESET to VLOGIC if
the RESET pin is not used.
Shutdown Mode
The AD5122/AD5142 can be placed in shutdown mode by
executing the software shutdown command, Command 15 (see
Table 16); and by setting the LSB (D0) to 1. This feature places
the RDAC in a special state. The contents of the RDAC register are
unchanged by entering shutdown mode. However, all commands
listed in Table 16 are supported while in shutdown mode. Execute
Command 15 (see Table 16) and set the LSB (D0) to 0 to exit
shutdown mode.
Table 15. Truth Table for Shutdown Mode
Linear Gain Setting Mode
Potentiometer Mode
A2
AW
WB
AW
WB
0
N/A1
Open
Open
R
BS
1
Open
N/A1
N/A1
N/A1
1 N/A = not applicable.
EEPROM OR RDAC REGISTER PROTECTION
The EEPROM and RDAC registers can be protected by disabling
any update to these registers. This can be done by using software or
by using hardware. If these registers are protected by software,
set Bit D0 and/or Bit D1 (see Table 18), which protects the
EEPROM and RDAC registers independently.
When RDAC is protected, the only operation allowed is to copy
the EEPROM into the RDAC register.
INDEP PIN
If the INDEP pin is pulled high at power-up, the part operates
in linear gain setting mode, loading each string resistor, RAWx and
RWBx, with the value stored into the EEPROM (see Table 17). If
the pin is pulled low, the part powers up in potentiometer mode.
The INDEP pin and the D2 bit are connected internally to a logic
OR gate, if any or both are 1, the part cannot operate in
potentiometer mode (see Table 18).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn