Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ13333 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MJ13333
Description  20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ13333 Datasheet(HTML) 5 Page - Motorola, Inc

  MJ13333 Datasheet HTML 1Page - Motorola, Inc MJ13333 Datasheet HTML 2Page - Motorola, Inc MJ13333 Datasheet HTML 3Page - Motorola, Inc MJ13333 Datasheet HTML 4Page - Motorola, Inc MJ13333 Datasheet HTML 5Page - Motorola, Inc MJ13333 Datasheet HTML 6Page - Motorola, Inc MJ13333 Datasheet HTML 7Page - Motorola, Inc MJ13333 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJ13333
5
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
1
0
PW Varied to Attain
IC = 100 mA
Lcoil = 80 mH, VCC = 10 V
Rcoil = 0.7 Ω
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 250 V
RL = 50 Ω
Pulse Width = 10
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
2
IB1
1
2
Vclamp = 250 V
RB adjusted to attain desired IB1
+10 V
250
µF
15 V
0
50
100
330
430
39
250
µF
– 5.2
1
2
R2
5.1
5 W
47
470
2 W
+15 V
R1
All Diodes — 1N4934
All NPN — MJE200
All PNP — MJE210
Adjust R1 to obtain IB1
For switching and RBSOA, R2 = 0
For VCEO(sus), R2 = ∞
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
t1
IC
VCE
IC(pk)
tf Clamped
tf
t
t
t2
TIME
VCE or
Vclamp
1
2
TUT
RL
VCC
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
t, TIME (ms)
1
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1
2
3
10
20
50
100
200 300
R
θJC(t) = r(t) RθJC
R
θJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
500
1000
0.7
0.3
0.07
0.03
0.02 0.03
0.3
5
30
Figure 11. Thermal Response


Similar Part No. - MJ13333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ13333 ONSEMI-MJ13333 Datasheet
278Kb / 8P
   NPN SILICON POWER TRANSISTORS
REV 1
logo
Inchange Semiconductor ...
MJ13333 ISC-MJ13333 Datasheet
278Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJ13333 NJSEMI-MJ13333 Datasheet
91Kb / 2P
   Silicon NPN Power Transistor
logo
Mospec Semiconductor
MJ13333 MOSPEC-MJ13333 Datasheet
83Kb / 2P
   SWITCHMODE SERIES NPN SILICON TRANSISTORS
More results

Similar Description - MJ13333

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Motorola, Inc
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com