Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1881A Datasheet(PDF) 23 Page - Analog Devices

Part # AD1881A
Description  AC??7 SoundMAX Codec
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1881A Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1881A Datasheet HTML 18Page - Analog Devices AD1881A Datasheet HTML 19Page - Analog Devices AD1881A Datasheet HTML 20Page - Analog Devices AD1881A Datasheet HTML 21Page - Analog Devices AD1881A Datasheet HTML 22Page - Analog Devices AD1881A Datasheet HTML 23Page - Analog Devices AD1881A Datasheet HTML 24Page - Analog Devices AD1881A Datasheet HTML 25Page - Analog Devices AD1881A Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AD1881A
–23–
REV. 0
1
2
3
4
C3
0.22 F
2.2k
R1
TO CODEC
MIC1 OR MIC2
INPUT
5
FROM CODEC
VREFOUT
L1 600Z
L2 600Z
C1
470pF
C2
470pF
EMC COMPONENTS
MIC INPUT
J1
AC-COUPLING
Figure 12. Recommended Microphone Input Connections
R2
10k
R3
100k
PREAMP
AD8531
U1
1
2
3
4
C3
0.22 F
2.2k
R1
TO CODEC
MIC1 OR MIC2
INPUT
5
FROM CODEC
VREFOUT
L1 600Z
L2 600Z
C1
470pF
C2
470pF
EMC COMPONENTS
MIC INPUT
J1
AC-COUPLING
C3
0.22 F
AC-COUPLING
MIC BIAS
+5AVDD
Figure 13. Microphone with Additional External Preamp (20 dB Gain)
LINE OUTPUT CONNECTIONS
The AD1881A Codec provides stereo LINE_OUT signals at a standard 1 V rms level. These signals must be ac-coupled before they
can be connected to an external load. After the ac-coupling, a minimal resistive load is recommended to keep the capacitors properly
biased and reduce click and pop when plugging stereo equipment into the output jack. The capacitor values should be selected
to provide a desired frequency response, taking into account the nominal impedance of the external load. To meet the PC99
specification for PCs, testing must be performed with a 10 k
Ω load, therefore a 1 µF value is recommended to achieve less than
–3 dB roll-off at 20 Hz.
FROM CODEC
LINE_OUT_R
L2 600Z
L1 600Z
C1
470pF
C2
470pF
EMC COMPONENTS
STEREO
LINE_OUT JACK
J1
C1
1 F
1 F
C2
+
+
AC-COUPLING
R1
47k
R2
47k
FROM CODEC
LINE_OUT_L
NOTE: IF AN OUTPUT AMP IS USED,
THE AC-COUPLING CAP VALUES WILL
DEPEND ON THE AMP DESIGN.
Figure 14. Recommended LINE_OUT Connections
USING AN EXTERNAL HEADPHONE/POWER AMP
The SSM2250 Power Amplifier is an ideal companion for the AD1881A. The amplifier can provide up to 250 mW output in stereo
mode and up to 1.5 W into a mono speaker connected in a bridge-tied load (BTL) configuration.
The SM2250 has a mode control pin that can be used to switch between the stereo output mode and the mono BTL speaker.
Figure 15 shows a typical PC configuration where the SSM2250 drives a set of stereo headphones or external speakers, as well as an
internal mono speaker. One of the normalizing pins on the stereo jack senses the stereo plug insertion and automatically switches
from driving the internal mono speaker to driving the external stereo load.
To conserve power, the SSM2250 can be shut down by the EAPD pin on the AD1881A, using proper power management software.
This is particularly important for portable applications. In shutdown mode, the SSM2250 consumes only 60
µA.


Similar Part No. - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com