Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV25400W Datasheet(PDF) 33 Page - Sanyo Semicon Device

Part # LV25400W
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W Datasheet(HTML) 33 Page - Sanyo Semicon Device

Back Button LV25400W_10 Datasheet HTML 29Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 30Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 31Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 32Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 33Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 34Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 35Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 36Page - Sanyo Semicon Device LV25400W_10 Datasheet HTML 37Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
LV25400W
No.A0633-33/42
Continued from preceding page.
No.
Control block/data
Description
Related data
(8)
PLL filter switching mode
MODE
• Switches the PLL filter
PLL filter switching
Filter state
MODE
AM/FM
AM filter
FM filter
0
OFF
ON
Normal
0
1
ON
OFF
0
W-FILTER
1
1
ON
ON
Normal mode (MODE = 0)
The filter state is switched in conjunction with the AM/FM bit.
FM mode (AM/FM = 0)
A filter is formed on pins 8 and 11.
Since this filter can be independent of the filter used in AM mode, PLL locking can be
fast.
AM mode (AM/FM = 1)
A filter is formed on pins 9 and 10 and with the two internal switches SW1 and SW2.
An additional filter is added using an internal resistor and an external capacitor.
W-filter mode (MODE = 1)
Both filters are enabled, regardless of the AM/FM bit.
(All of pins 8, 9, 10, and 11, and switches SW1 and SW2 are used.)
This is used when sidebands occur in AM mode, and in other cases.
However, there are case where, depending on the particular filter component values,
this mode cannot be used.
AM/FM
(9)
IC internal signals
I/O ports
Control data
• Specifies the I/O direction for the I/O ports
Data = 0 : Input port. The value 0 should be specified in normal operation.
= 1 : Output port. A value of 1 is used for IC testing.
* : This data must be set to 0 at all times other than IC evaluation.
Normally set to 0.
(10)
Crystal oscillator fine
adjustment
X_SW_0
X_SW_1
X_SW_2
• Adjusts the crystal 4.5 MHz reference frequency if beating occurs
X’tal OSC ADJ [When a 4.5MHz oscillator element is used]
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Xtal (Center value)
+150Hz
XS0, XS1
R0 to R3
Continued on next page.
C7
0.033
µF
C10A
1
µF
C11A
0.033
µF
C11B
2200pF
C12
2.2k
1k
CP1
VDD
PIN23
+8V
PIN58
div
5k
3k
SW2
C11
1.3k
D5
SVC704
C4
3pF
C3
2pF
L5
SW3
SW1
FM OSC
R7
30k
C4
330pF
3
4
5
6
8
7
9
10
11


Similar Part No. - LV25400W_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25400W_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W_0712 SANYO-LV25400W_0712 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com