Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA79200V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA79200V
Description  For extention of I2C-BUS compatible microcomputer I/O port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79200V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA79200V_07 Datasheet HTML 1Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 2Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 3Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 4Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 5Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 6Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 7Page - Sanyo Semicon Device LA79200V_07 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N2206 MS PC B8-7544 No.A0258-1/8
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft’s control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA79200V
Overview
This LA79200V is a for extention of I
2C-BUS compatible microcomputer I/O port.
Functions
• 8 bit Expanded I/O port with LED Driver
• 2 bit DAC×2
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
V1 max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 65°C ∗
300
mW
Operating temperature
Topr
-10 to +65
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a board : 114.3
×76.1×1.6mm3, glass epoxy.
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
V1
5.0
V
Operating supply voltage range
V1 op
4.5 to 5.5
V
Ordering number : ENA0258
Monolithic Linear IC
For extention of
I
2C-BUS compatible
microcomputer I/O port


Similar Part No. - LA79200V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
More results

Similar Description - LA79200V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574A TI-PCF8574A Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com