Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSB-525I Datasheet(PDF) 2 Page - AAEON Technology

Part # HSB-525I
Description  ISA Half-Size SBC With Intel Atom D525 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HSB-525I Datasheet(HTML) 2 Page - AAEON Technology

  HSB-525I Datasheet HTML 1Page - AAEON Technology HSB-525I Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-8
Dimension
Unit: mm
HSB-525I
Ordering Information
TF-PER-U01H
HD Code Audio Daughter Board
Optional Accessories
Passive Backplane Options
P/N
Description
Master Interface
Slots
(PCI/ ISA/ PICMG_PCI)
Power
ATX Extend Function
TF-BP-204SI
Wallmount, ISA, 4-slot Backplane, 4 ISA, Single Segment, AT
ISA
(0/4/0)
AT
TF-BP-206SI
Wallmount, ISA, 6-slot Backplane, 6 ISA, Single Segment, AT/ATX
ISA
(0/6/0)
AT/ATX
TF-BP-214SI
Rackmount, ISA, 14-slot Backplane, 14 ISA, Single Segment, AT
ISA
(0/14/0)
AT
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
TF-HSB-525I-A10-G2
Intel® Atom™
D525
SODIMM
Fan
VGA + LVDS
SATA2 x 3, IDE x 1,
CF x 1
18-bit Single Channel
GbE x 2
USB2.0 x 5
1
1
ISA
+5V, +12V, AT 0°C ~ 60°C


Similar Part No. - HSB-525I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
   Onboard STPC짰 Atlas System-on-Chip
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
HSB-460I-A10 AAEON-HSB-460I-A10 Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
HSB-460I-A10-01 AAEON-HSB-460I-A10-01 Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
HSB-657I AAEON-HSB-657I Datasheet
377Kb / 1P
   VIA C3 Low Power Processor
More results

Similar Description - HSB-525I

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
HSB-945P AAEON-HSB-945P Datasheet
300Kb / 2P
   PCI Half-Size SBC With Intel Atom N270 Processor
HSB-CV1P AAEON-HSB-CV1P Datasheet
305Kb / 2P
   PCI Half-Size SBC With Intel Atom D2550/N2600 Processor
HSB-800I AAEON-HSB-800I Datasheet
371Kb / 2P
   ISA Half-Size SBC With AMD Geode LX800 Processor
HSB-910I AAEON-HSB-910I Datasheet
366Kb / 2P
   ISA Half-Size SBC With Intel Celeron M 600 MHz BGA Type Processor
HSB-800I-A11 AAEON-HSB-800I-A11 Datasheet
660Kb / 2P
   ISA Half-Size SBC with AMD Geode™ LX800 Processor
2022/05/13
logo
BOSER Technology Co., L...
HS-7280 BOSER-HS-7280 Datasheet
94Kb / 1P
   Intel Atom N270 processor PCI-ISA Bus SBC w/CF,
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard with Intel Atom N455/D525 Processor
PCM-LN02 AAEON-PCM-LN02 Datasheet
280Kb / 2P
   Compact Board with Onboard Intel Atom N455/D525 Processor
HSB-965P AAEON-HSB-965P Datasheet
375Kb / 2P
   PCI Half-Size SBC With Intel Core 2 Duo Processor
logo
List of Unclassifed Man...
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com