Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7958 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA7958
Description  Audio/Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7958 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA7958 Datasheet HTML 1Page - Sanyo Semicon Device LA7958 Datasheet HTML 2Page - Sanyo Semicon Device LA7958 Datasheet HTML 3Page - Sanyo Semicon Device LA7958 Datasheet HTML 4Page - Sanyo Semicon Device LA7958 Datasheet HTML 5Page - Sanyo Semicon Device LA7958 Datasheet HTML 6Page - Sanyo Semicon Device LA7958 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA7958
No.A0260-6/7
Continued from preceding page.
No.
Parameter
Explanations
Test circuit
7
Audio channel bandwidth (Fa)
P : Pins 1, 2, 3, 4, 5, 6, 21, 22
Q : Pins 17,18
VIN = 500mVrms
A frequency which becomes -3dB is
measured.
8
Audio channel THD (THDa)
It's the same Audio Signal Voltage Gain measurement
circuit.
9
Audio channel S/N (SNa)
P : Pins 1, 2, 3, 4, 5, 6, 21, 22
Q : Pins 17, 18
10
Audio channel crosstalk (CTa)
P : Pins 2, 3, 4, 5, 6, 21, 22
Q : Pins 17,18
11
Audio channel PSSR (PSa)
Pin 8, f = 50Hz
VIN = 1Vp-p
P : Pins 1, 2, 3, 4,5, 6, 21, 22
Q : Pins 17, 18


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn