Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7958 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7958
Description  Audio/Video Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7958 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA7958 Datasheet HTML 1Page - Sanyo Semicon Device LA7958 Datasheet HTML 2Page - Sanyo Semicon Device LA7958 Datasheet HTML 3Page - Sanyo Semicon Device LA7958 Datasheet HTML 4Page - Sanyo Semicon Device LA7958 Datasheet HTML 5Page - Sanyo Semicon Device LA7958 Datasheet HTML 6Page - Sanyo Semicon Device LA7958 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA7958
No.A0260-3/7
Logic True Table
Video-Output
C : Pin 15
A : Pin 11
B : Pin 13
L
OPEN
H
L
L
VTV
VTV
VTV
H
L
V1
V1
V1
L
H
V2
V2
V2
H
H
Y+C
V3/Y
V3/Y
VTV = (-A)*(-B)
V1 = (A)*(-B)
V2 = (-A)*(B)
V3 = (A)*(B)*(-(C=L))/Y=(A)*(B)*(-(C=L))
Y+C = (A)*(B)*(C=L)
Audio-R-Output
C : Pin 15
A : Pin 11
B : Pin 13
L
OPEN
H
L
L
RTV
RTV
RTV
H
L
R1
R1
R1
L
H
R2
R2
R2
H
H
R3
R3
R3
RTV = (-A)*(-B)
R1 = (A)*(-B)
R2 = (-A)*(B)
R3 = (A)*(B)
Audio-L-Output
C : Pin 15
A : Pin 11
B : Pin 13
L
OPEN
H
L
L
LTV
LTV
LTV
H
L
L1
L1
L1
L
H
L2
L2
L2
H
H
L3
L3
L3
LTV = (-A)*(-B)
L1 = (A)*(-B)
L2 = (-A)*(B)
L3 = (A)*(B)
Package Dimensions
unit : mm
3010A
SANYO : DIP22(400mil)
27.2
1.2
0.9
2.54
0.5
1
11
22
12


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn