Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57-1011-01 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 57-1011-01
Description  FM IF SYSTEM FOR CAR RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

57-1011-01 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  57-1011-01 Datasheet HTML 1Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 2Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 3Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 4Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 5Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 6Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 7Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 8Page - Sanyo Semicon Device 57-1011-01 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Since the muting control input pin 6 is connected to the base of the emitter grounded transistor (through a protection resistor of
500
Ω in series), the voltage between pin 6 and GND is about 0.6 V when the control current is applied. In actual cases, the
muting operation is accomplished by applying a voltage drive type muting drive output (pin 14 to pin 6 through a high resistance
(up to 20 k
Ω)).
The muting drive output comes in three types:
1)
Hole detector output which develops a voltage when C/N (carrier-to-noise
ratio) lowers under weak signal input conditions.
2)
A reversed output of the signal strength indicating output (output at pin
15)
3)
A bandwidth limited muting drive output which develops a voltage when
the AFC output becomes higher than
±V
BE during tuning-off operation.
All these outputs are led to an OR circuit and the processed output is developed at pin 14. Of the above muting drive outputs,
descriptions on the hole detector output and the bandwidth limited muting drive output will be omitted, since they are the same as
those used in conventional quadrature detector ICs (such as LA1230, LA1231N).
The inverted output of the signal strength indication output is obtained as illustrated below.
By referring to the illustration, V14 is given by the formula: V14 = Vr –(IO + I1 – aI2)RL –VBE.
Conditions are: Vr ≅ 4.9 V, IO ≅ 0.2 mA, a ≅ 2, RL =22kΩ,VBE ≅ 0.6 V, I1 = V15/R15-G, I2 = V16/R16-G where V16 is a
constant equal to 4.1 V (typ) for medium or lower signal input levels, where the muting drive output is required. Since the V15
increases proportionally to the increase of the input signal strength, I1 will also increase. Therefore the V14 will decrease with
increasing signal strength. Thus the required muting drive output can be obtained by selecting proper values of R15-G and R16-G.
For example, the muting drive output moves toward strong input signal level
if the R16-G is decreased, or the muting drive output becomes zero due to the
offset current IO under a weak signal input condition, if the R16-G is
increased to infinity (namely pin 16 is opened). However the muting drive
output caused by a whole detector still exists in this case. Increasing R15-G
decreases the slope of the curve for the muting drive output vs. antenna signal
input level, or decreasing the R15-G increases the slope of the curve.
Furthermore, varying the value of a resistor connected between the muting
drive output (pin 14) and the muting control input (pin 6) changes the value of
the muting control current required to obtain the same muting drive output,
accordingly the slope of the curve for muting attenuation vs. antenna signal
input level is also changed. These characteristics investigated by using an
actual receiver are shown on the curves below.
The general method to adjust the muting circuit of the LA1140 is: to set the signal input level required to actuate the muting
circuit with the R16-G, to adjust the slope of the curve for the muting attenuation vs. antenna signal input with the R15-G, and to
adjust the maximum muting attenuation (determined by setting the noise level at no signal) with the R5-G. The slope of the curve
for the muting attenuation vs. antenna signal input level can also be adjusted by the resistor connected between pins 14 and 6 in
addition to R15-G, however, selecting a resistor too high does not allow the muting control current flowing into pin 6 to reach
120 µA even through the maximum muting drive output (V14) is applied, namely the muting attenuation does not reach its
maximum value. Accordingly a recommended value of the resistor between pins 14 and 6 is about 22 k
Ω.
ANT Input
Unit (resistance:
Ω)
Inverter
Inverter
Inverter
(AGC output)
(Signal meter output)
(Muting drive output)
(Offset)
LA1140
No. 729-4/15


Similar Part No. - 57-1011-01

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-10140 DDK-57-10140 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
57-10140 DDK-57-10140 Datasheet
2Mb / 8P
   Ribbon Connector
57-10140-4 DDK-57-10140-4 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
57-10140 DDK-57-10140_13 Datasheet
2Mb / 8P
   Ribbon Connector
More results

Similar Description - 57-1011-01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com