Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1787M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA1787M
Description  Single-Chip Tuner IC for Car Radios
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA1787M_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
[FM FE Mixer Input
N-AGC on input
VN-AGC
83 MHz, unmodulated.
81
88
95
dBµ
The input such that the pin 2 voltage is 2.0 V or below
W-AGC on input
VWAGC
83 MHz, unmodulated. The input such that the pin 2
104
110
116
dBµ
voltage is 2.0 V or below. (When the keyed AGC is set to 4.0 V.)
Conversion gain
A.V
83 MHz, 80 dBµ, unmodulated. The FE CF output
19
30
48
mVrms
Oscillator buffer output
VOSCBUFFFM
No input
85
110
165
mVrms
[NC Block] NC input (pin 30)
Gate time
τGATE1
f = 1 kHz, for a 1-µs, 100-mV p-o pulse
55
µs
Noise sensitivity
SN
The level of a 1 = kHz, 1-µs pulse input that starts
40
mVp-o
noise canceller operation. Measured at pin 30.
The pulse rejection effect provided by the noise canceller.
NC effect
SN-NC
For a repeated 1-µs wide pulse, frequency = 10 kHz,
5
150 mV p-o. The ratio of the FM mode pin 15 output
referenced to the AM mode pin 15 output (effective value)
[Multipath Rejection Circuit] MRC input (pin 27)
MRC output
VMRC
V24 = 5 V
2.2
2.3
2.4
V
MRC operating level
MRC-ON
The pin 32 input level at f = 70 kHz such that
10
15
20
mVrms
pin 24 goes to 5 V and pin 27 goes to 2 V
[AM Characteristics] AM ANT input
Practical sensitivity
S/N-30
1 MHz, 30 dBµ, fm = 1 kHz, 30% modulation, pin 15
20
dB
Detector output
VO-AM
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation, pin 15
130
195
270
mVrms
Pin 31 detector output
VO-AM31
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation, pin 31
110
175
230
mVms
AGC F.O.M.
VAGC-FOM
1 MHz, 74 dBµ, referenced to the output, the input amplitude
51
56
61
dB
such that the output falls by 10 dB. Pin 15
Signal-to-noise ratio
S/N-AM
1 MHz, 74 dBµ, fm = 1 kHz, 30% modulation
47
52
dB
Total harmonic distortion
THD-AM
1 MHz, 74 dBµ, fm = 1 kHz, 80% modulation
0.3
1
%
Signal meter output
VSM AM-1
No input
0.0
0.2
0.5
V
VSM AM-2
1 MHz, 130 dBµ, unmodulated
4.8
6
7.3
V
Oscillator buffer output
VOSCBUFF AM1
No input, the pin 15 output
185
230
mVrms
Wide band AGC sensitivity
W-AGCsen1
1.4 MHz, the input when V46 = 0.7 V
92
98
104
dBµ
W-AGCsen2
1.4 MHz, the input when V46 = 0.7 V (seek mode)
83
89
95
dBµ
SD sensitivity
SD-sen1 AM
1 MHz, the ANT input level such that the IF counter output turns on.
24
30
36
dBµ
SD-sen2 AM
1 MHz, the ANT input level such that the SD pin goes to the on state.
24
30
36
dBµ
IF buffer output
VIFBUFF-AM
1 MHz, 74 dBµ, unmodulated. The pin 23 output
200
290
mVrms
No. 6655-3/54
LA1787M
Note: These measurements must be made using the either the IC-51-0644-824 or KS8277 IC socket (manufactured by Yamaichi Electronics).
* 1. When the resistor between pin 58 and ground is 200 k
Ω.
* 2. When the resistor between pin 58 and ground is 30 k
Ω.
Continued from preceding page.


Similar Part No. - LA1787M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
More results

Similar Description - LA1787M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com