Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1787M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1787M
Description  Single-Chip Tuner IC for Car Radios
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1787M_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1787M_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
[FM Characteristics] At the FM IF input
Current drain
ICCO-FM
No input, I40 + I45 + I54 + I59 + I60 + I61
60
94
110
mA
Demodulation output
VO-FM
10.7 MHz, 100dBµ, 1 kHz, 100%mod, The pin 15 output
205
310
415
mVrms
Pin 31 demodulation output
VO-FM31
10.7 MHz, 100dBµ, 1 kHz, 100%mod, The pin 31 output
190
295
380
mVrms
Channel balance
CB
The ratio between pins 15 and 16 at 10.7 MHz, 100 dBµ, 1 kHz
–1
0
+1
dB
Total harmonic distortion
THD-FM mono
10.7 MHz, 100 dBµ, 1 kHz, 100% mod, pin 15
0.3
1
%
Signal-to-noise ratio: IF
S/N-FM IF
10.7 MHz, 100 dBµ, 1 kHz, 100% mod, pin 15
75
82
dB
AM suppression ratio: IF
AMR IF
10.7 MHz, 100 dBµ, 1 kHz, fm = 1 kHz, 30% AM, pin 15
55
68
dB
Att-1
10.7 MHz, 100 dBµ, 1 kHz. The pin 15
5
10
15
dB
attenuation when V33 goes from 0 to 2 V
Muting attenuation
Att-2
10.7 MHz, 100 dBµ, 1 kHz. The pin 15
15
20
25
dB
attenuation when V33 goes from 0 to 2 V*1
Att-3
10.7 MHz, 100 dBµ, 1 kHz. The pin 15
28
33
38
dB
attenuation when V33 goes from 0 to 2 V*2
Separation
Separation
10.7 MHz, 100 dBµ, L+R = 90%, pilot = 10%. The pin 15 output
30
40
dB
ratio
Stereo on level
ST-ON
The pilot modulation such that V26 < 0.5 V
1.2
2.4
4.4
%
Stereo off level
ST-OFF
The pilot modulation such that V26 > 3.5 V
0.6
1.6
%
Main total harmonic distortion
THD-Main L
10.7 MHz, 100 dBµ, L+R = 90%, pilot = 10%. The pin 15 signal
0.3
1.2
%
Pilot cancellation
PCAN
10.7 MHz, 100 dBµ, pilot = 10%.
20
30
dB
The pin 15 signal/the pilot level leakage. DIN audio
SNC output attenuation
AttSNC
10.7 MHz, 100 dBµ, L-R = 90%, pilot = 10%.
1
5
9
dB
V28 = 3 V
→ 0.6 V, pin 15
AttHCC-1
10.7 MHz, 100 dBµ, 10 kHz, L+R = 90%, pilot = 10%.
0.5
4.5
8.5
dB
HCC output attenuation
V29 = 3 V
→ 0.6 V, pin 15
AttHCC-2
10.7 MHz, 100 dBµ, 10 kHz, L+R = 90%,
6
10
14
dB
pilot = 10%. V29 = 3 V
→ 0.1 V, pin 15
Input limiting voltage
Vi-lim
100 dBµ, 10.7 MHz, 30% modulation. The IF input such
33
40
47
dBµ
that the input reference output goes down by 3 dB
Muting sensitivity
Vi-mute
The IF input level (unmodulated) when V33 = 2 V
27
35
43
dBµ
SD-sen1 FM
The IF input level (unmodulated) (over 100 mV rms)
54
62
70
dBµ
SD sensitivity
such that the IF counter buffer output goes on
SD-sen2 FM
54
62
70
dBµ
IF counter buffer output
VIFBUFF-FM
10.7 MHz, 100 dBµ, unmodulated. The pin 23 output
130
200
270
mVrms
VSM FM-1
No input. The pin 24 DC output, unmodulated
0.0
0.1
0.3
V
Signal meter output
VSM FM-2
50 dBµ. The pin 24 DC output, unmodulated
0.4
1.0
1.5
V
VSM FM-3
70 dBµ. The pin 24 DC output, unmodulated
2.0
2.7
3.5
V
VSM FM-4
100 dBµ. The pin 24 DC output, unmodulated
4.7
5.5
6.2
V
Muting bandwidth
BW-mute
100 dBµ. The bandwidth when V33 = 2 V, unmodulated
150
220
290
kHz
Mute drive output
VMUTE-100
100 dBµ, 0 dBµ. The pin 33 DC output, unmodulated
0.00
0.03
0.20
V
Operating Characteristics at Ta = 25°C, VCC= 8.0V, in the specified test cricuit for the FM IF input
Continued on next page.
No. 6655-2/54
LA1787M
Specifications
Maximum Ratings at Ta = 25°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC1 max
Pins 6, 40, and 61
9
V
VCC2 max
Pins 7, 45, 54, 59, and 60
12
V
Allowable power dissipation
Pd max
Ta
≤ 55°C
950
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
Pins 6, 7, 40, 45, 54, 59, 60, and 61
8
V
VCCST IND
Pin 26
5
V
Operating supply voltage range
VCC op
7.5 to 9.0
V


Similar Part No. - LA1787M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
logo
ON Semiconductor
LA1787M ONSEMI-LA1787M Datasheet
617Kb / 54P
   Single-Chip Tuner IC
January, 2011
More results

Similar Description - LA1787M_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M_09 Datasheet
544Kb / 41P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com