Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBTKAE-24783X Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # CBTKAE-24783X
Description  FM IF SYSTEM FOR CAR RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CBTKAE-24783X Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button CBTKAE-24783X Datasheet HTML 5Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 6Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 7Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 8Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 9Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 10Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 11Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 12Page - Sanyo Semicon Device CBTKAE-24783X Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Proper cares in using LA1140
1)
The detector transformers should be designed to develop a quadrature signal (pin 11) of higher than 175 mVrms
(approximately 105 dBµ) under high antenna signal input. If the quadrature signal strength is less than 125 mVrms, the
muting drive output (V14) cannot decrease to zero even in a strong signal strength. Furthermore, when the quadrature signal
strength lies between 125 mV and 175 mV, the muting drive output may move from zero to plus under high temperature
conditions.
2)
When designing a PC board, special care should be given to the ground pattern layout by referring to that of the recommend
PC board example as shown below.
3)
Do not connect a capacitor directly between pin 16 and ground. If the signal intensity of IF input varies in the vicinity of
90 dBµ, the voltage at pin 16 varies. Thus, charging/discharging current flows into the capacitor and goes to the muting drive
output (pin 14) through the inverter inside the IC, thereby causing the muting to malfunction.
Sample Application Circuit 1
Unit (resistance:
Ω, capacitance: F)
TOKO
higher
[Maximum Att. Adj.]
lower
[Muting ON level Adj.]
[Slope Adj.]
[Slope Adj.]
LA1140
No. 729-9/15


Similar Part No. - CBTKAE-24783X

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBT-09427-SMT CUI-CBT-09427-SMT Datasheet
503Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CBT-09427-SMT-TR CUI-CBT-09427-SMT-TR Datasheet
572Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
12/10/2019
logo
CUI Devices
CBT-09427-SMT-TR CUID-CBT-09427-SMT-TR Datasheet
545Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
Cooper Bussmann, Inc.
CBT-10M COOPER-CBT-10M Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CBT-10N COOPER-CBT-10N Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Similar Description - CBTKAE-24783X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com