Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1862 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 1 Page - Analog Devices

  AD1862 Datasheet HTML 1Page - Analog Devices AD1862 Datasheet HTML 2Page - Analog Devices AD1862 Datasheet HTML 3Page - Analog Devices AD1862 Datasheet HTML 4Page - Analog Devices AD1862 Datasheet HTML 5Page - Analog Devices AD1862 Datasheet HTML 6Page - Analog Devices AD1862 Datasheet HTML 7Page - Analog Devices AD1862 Datasheet HTML 8Page - Analog Devices AD1862 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE
REFERENCE
INPUT
&
DIGITAL
OFFSET
20-BIT
DAC
AD1862
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–VS
–VS
TRIM
+VL
CLK
DATA
LE
–VL
+VS
NR2
ADJ
NR1
AGND
IOUT
RF
DGND
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Noise
20-Bit Audio DAC
AD1862*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
120 dB Signal-to-Noise Ratio
102 dB D-Range Performance
1 dB Gain Linearity
1 mA Output Current
16-Pin DIP Package
0.0012% THD + N
APPLICATIONS
High Performance Compact Disc Players
Digital Audio Amplifiers
Synthesizer Keyboards
Digital Mixing Consoles
High Resolution Signal Processing
PRODUCT DESCRIPTION
The AD1862 is a monolithic 20-bit digital audio DAC. Each
device provides a 20-bit DAC, 20-bit serial-to-parallel input
register and voltage reference. The digital portion of the
AD1862 is fabricated with CMOS logic elements that are pro-
vided by Analog Devices’ BiMOS II process. The analog por-
tion of the AD1862 is fabricated with bipolar and MOS devices
as well as thin-film resistors.
New design, layout and packaging techniques all combine to
produce extremely high performance audio playback. The de-
sign of the AD1862 incorporates a digital offset circuit which
improves low-level distortion performance. Low stress packag-
ing techniques are used to minimize stress-induced parametric
shifts. Stress-sensitive circuit elements are located in die areas
which are least affected by packaging stress. Laser-trimming of
initial linearity error affords extremely low total harmonic
distortion. Output glitch is also small, contributing to the over-
all high level of performance.
The noise performance of the AD1862 is excellent. When used
with the recommended two external noise-reduction capacitors,
it achieves 120 dB signal-to-noise ratio.
The serial input port consists of the clock, data and latch enable
pins. A serial 20-bit, 2s complement data word is clocked into
the DAC, MSB first, by the external data clock. A latch-enable
signal transfers the input word from the internal serial input
register to the DAC input register. The data clock can function
at 17 MHz, allowing 16
× F
S operation. The serial input port is
compatible with second-generation digital filter chips for con-
sumer audio products such as the NPC SM5813 and SM5818.
The AD1862 operates with
±5 V to ±12 V supplies for the dig-
ital power supplies and
±12 V supplies for the analog supplies.
The digital and analog supplies can be separated for reduced
digital crosstalk. Separate analog and digital common pins are
also provided. The AD1862 typically dissipates less than
300 mW.
The AD1862 is packaged in a 16-pin plastic DIP. The operating
range is guaranteed to be –25
°C to +70°C.
PRODUCT HIGHLIGHTS
1. 120 dB signal-to-noise ratio. (typical)
2. 102 dB D-Range performance. (minimum)
3.
±1 dB gain linearity @ –90 dB amplitude.
4. 20-bit resolution provides 120 dB of dynamic range.
5. 16
× F
S operation.
6. 0.0016% THD+N @ 0 dB signal amplitude. (typical)
7. Space saving 16-pin DIP package.
8.
±1 mA output current.
*Protected by U.S. Patent Numbers: 4,349,811; 4,857,862; 4,855,618;
3,961,326; 4,141,004; 4,902,959.


Similar Part No. - AD1862

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Similar Description - AD1862

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com