Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1848KST Datasheet(PDF) 3 Page - Analog Devices

Part # AD1848KST
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1848KST Datasheet(HTML) 3 Page - Analog Devices

  AD1848KST Datasheet HTML 1Page - Analog Devices AD1848KST Datasheet HTML 2Page - Analog Devices AD1848KST Datasheet HTML 3Page - Analog Devices AD1848KST Datasheet HTML 4Page - Analog Devices AD1848KST Datasheet HTML 5Page - Analog Devices AD1848KST Datasheet HTML 6Page - Analog Devices AD1848KST Datasheet HTML 7Page - Analog Devices AD1848KST Datasheet HTML 8Page - Analog Devices AD1848KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Min
Max
Units
Passband
0
0.45
FS
Hz
Passband Ripple
±0.1
dB
Transition Band
0.45
FS
0.55
FS
Hz
Stopband
0.55
FS
Hz
Stopband Rejection
74
dB
Group Delay
30/FS
Group Delay Variation Over Passband
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Resolution (No Missing Codes from
16
Bits
±10 LSB Ramp Around Midscale)*
Dynamic Range (–60 dB Input,
80
86
dB
THD+N Referenced to Full Scale)
THD+N (Referenced to Full Scale)
0.022
%
–77
–73
dB
Signal-to-Intermodulation Distortion*
90
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R;
–80
dB
Input R, Ground L, Read L)
Line to MIC (Input LINE, Ground and
–80
dB
Select MIC, Read Both Channels)
Line to AUX1
–80
dB
Line to AUX2
–80
dB
Gain Error (Full-Scale Span Relative to Nominal)
±5%
Interchannel Gain Mismatch
±0.5
dB
(Difference of Gain Errors)
ADC Offset Error
50
LSBs
DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Resolution*
16
Bits
Dynamic Range (–60 dB Input,
80
87
dB
THD+N Referenced to Full Scale)
THD+N (Referenced to Full Scale)
0.02
%
–76
–74
dB
Signal-to-Intermodulation Distortion*
90
dB
Gain Error (Full-Scale Span Relative to Nominal)
±5%
Interchannel Gain Mismatch
±0.5
dB
(Difference of Gain Errors)
DAC Crosstalk* (Input L, Zero R, Measure
–80
dB
R_OUT; Input R, Zero L, Measure L_OUT)
Total Out-of-Band Energy*
–45
dB
(Measured from 0.55
× F
S to 100 kHz)
Audible Out-of-Band Energy*
–70
dB
(Measured from 0.55
× F
S to 22 kHz,
All Selectable Sampling Frequencies)
*Guaranteed Not Tested.
Specifications subject to change without notice.
AD1848K
REV. 0
–3–


Similar Part No. - AD1848KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
More results

Similar Description - AD1848KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com