Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1849K Datasheet(PDF) 7 Page - Analog Devices

Part # AD1849K
Description  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1849K Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1849K Datasheet HTML 3Page - Analog Devices AD1849K Datasheet HTML 4Page - Analog Devices AD1849K Datasheet HTML 5Page - Analog Devices AD1849K Datasheet HTML 6Page - Analog Devices AD1849K Datasheet HTML 7Page - Analog Devices AD1849K Datasheet HTML 8Page - Analog Devices AD1849K Datasheet HTML 9Page - Analog Devices AD1849K Datasheet HTML 10Page - Analog Devices AD1849K Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1849K
REV. 0
–7–
PIN DESCRIPTION
Digital Signals
Pin Name
PLCC
TQFP
I/O
Description
SDRX
1
39
I
Receive Serial Data Pin
SDTX
44
38
O
Transmit Serial Data Pin
SCLK
43
37
I/O
Bidirectional Serial Bit Clock
FSYNC
42
36
O
Frame Sync Output Signal
TSOUT
41
35
O
Chaining Word Output
TSIN
40
34
I
Chaining Word Input
D/
C
35
29
I
Data/Control Select Input
CIN1
6
44
I
Crystal 1 Input
COUT1
7
1
O
Crystal 1 Output
CIN2
10
4
I
Crystal 2 Input
COUT2
11
5
O
Crystal 2 Output
CLKIN
4
42
I
External Sample Clock Input (256
× F
S)
CLKOUT
5
43
O
External Sample Clock Output (256
× F
S)
PDN
13
7
I
Power Down Input (Active HI)
RESET
12
6
I
Reset Input (Active LO)
PIO1
37
31
I/O
Parallel Input/Output Bit 1
PIO0
36
30
I/O
Parallel Input/Output Bit 0
Analog Signals
Pin Name
PLCC
TQFP
I/O
Description
LINL
18
12
I
Left Channel Line Input
LINR
16
10
I
Right Channel Line Input
MINL
17
11
I
Left Channel Microphone Input (–20 dB from Line Level if MB = 0 or Line
Level if MB = 1)
MINR
15
9
I
Right Channel Microphone Input (–20 dB from Line Level if MB = 0 or Line
Level if MB = 1)
LOUT0L
32
26
O
Left Channel Line Output 0
LOUT0R
33
27
O
Right Channel Line Output 0
LOUT1L
31
25
O
Left Channel Line Output 1
LOUT1R
29
23
O
Right Channel Line Output 1
LOUT1C
30
24
I
Common Return Path for Large Current from External Headphones
MOUT
27
21
O
Mono Speaker Output
MOUTR
28
22
I
Mono Speaker Output Return
C0
14
8
O
External 1.0
µF Capacitor (±10%) Connection
C1
20
14
O
External 1.0
µF Capacitor (±10%) Connection
N/C
26
20
No Connect (Do Not Connect)
N/C
34
28
No Connect (Do Not Connect)
VREF
21
15
O
Voltage Reference (Connect to Bypass Capacitor)
CMOUT
19
13
O
Common Mode Reference Datum Output (Nominally 2.25 V)
Power Supplies
Pin Name
PLCC
TQFP
I/O
Description
VCC
23 & 24
17, 18
I
Analog Supply Voltage (+5 V)
GNDA
22 & 25
16, 19
I
Analog Ground
VDD
3, 8, 38
41, 2, 32
I
Digital Supply Voltage (+5 V)
GNDD
2, 9, 39
40, 3, 33
I
Digital Ground


Similar Part No. - AD1849K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
More results

Similar Description - AD1849K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com