Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ11017 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MJ11017
Description  30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJ11017 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ11017 MJ11021 MJ11018 MJ11022
4
Motorola Bipolar Power Transistor Device Data
COLLECTOR CURRENT (AMPS)
4.0
0.1
3.0
2.5
1.5
3.5
2.0
1.0
0.5
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
70
4.0
3.0
2.5
1.5
3.5
2.0
1.0
0.5
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
Figure 6. DC Current Gain
Figure 7. Collector Saturation Region
IB, BASE CURRENT (mA)
7000
5000
10,000
0.3
0.5
1.0
20
0.2
3000
2000
1000
700
500
300
200
0.7
COLLECTOR CURRENT (AMPS)
Figure 8. “On” Voltages
VBE(sat) @ IC/IB = 100
VCE = 5.0 Vdc
100
3.0
5.0
10
7.0
15
2.0
20,000
10,000
30,000
2000
1000
700
500
300
TJ = 25°C
TJ = 150°C
TJ = – 55°C
7000
5000
3000
4.0
0.5
IB, BASE CURRENT (mA)
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
IC = 5.0 A
TJ = 25°C
IC = 15 A
0.2 0.3 0.5
TJ = 25°C
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100
PNP
NPN
PNP
NPN
PNP
NPN
0.3
0.5
1.0
20
0.2
0.7
3.0
5.0
10
7.0
15
2.0
VCE = 5.0 Vdc
TJ = 150°C
TJ = 25°C
TJ = – 55°C
IC = 10 A
4.0
0.5
500
3.0
2.5
1.5
3.5
2.0
1.0
0.5
300
200
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
100
70
TJ = 25°C
IC = 5.0 A
IC = 15 A
IC = 10 A
0.1
0.7 1.0
2.0 3.0 5.0
10
7.0
50
30
20
0.2 0.3 0.5
TJ = 25°C
VBE(sat) @ IC/IB = 100
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 100


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn