Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMOV Datasheet(PDF) 2 Page - Littelfuse

Part # FBMOV
Description  The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FBMOV Datasheet(HTML) 2 Page - Littelfuse

  FBMOV Datasheet HTML 1Page - Littelfuse FBMOV Datasheet HTML 2Page - Littelfuse FBMOV Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: November 18, 2010
FBMOV Varistor Series
Industrial High Energy Terminal Varistors > FBMOV Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ba or /bb.html for current information.
For applications exceeding 85° C, ambient temperatures, the peak
surge current and energy rating must be reduces as shown in
Figure 1.
Peak Current, Energy and Power De-rating Curve
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENTTEMPERATURE ( oC)
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
μs Current Waveform:
8
μs = T
1 = Rise Time
20
μs = T
2 = Decay Time
FBMOV Series Ratings & Specifications
Part
Number
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at 1mA
DCTest Current
Maximum
Clamping Volt
V
C at 200A
Current (8/20
μs)
Typical
Capaci-
tance
f =
1MHz
AC Volts
DC Volts
Energy
(2ms)
Peak
Current
8 x 20
μs
V
M(AC)RMS
V
M(DC)
W
TM
I
TM
Min
V
N(DC)
Max
V
C
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(pF)
FBMOV115M
115
150
340
40000
162
180
198
295
6400
FBMOV130M
130
170
380
40000
184
205
226
335
5600
FBMOV140M
140
180
420
40000
200
220
240
355
5000
FBMOV150M
150
200
440
40000
216
240
264
390
4600
FBMOV175M
175
225
500
40000
243
270
297
450
3800
FBMOV230M
230
300
600
40000
324
360
396
585
3000
FBMOV250M
250
320
660
40000
351
390
429
640
2800
FBMOV275M
275
350
700
40000
387
430
473
700
2500
FBMOV300M
300
385
740
40000
423
470
517
765
2300
FBMOV320M
320
420
780
40000
459
510
561
825
2160
FBMOV385M
385
505
860
40000
558
620
682
1010
1800
FBMOV420M
420
560
920
40000
612
680
748
1100
1640
FBMOV440M
440
585
940
40000
643
715
787
1160
1580
FBMOV460M
460
615
980
40000
675
750
825
1220
1500
FBMOV510M
510
670
1040
40000
738
820
902
1335
1360
FBMOV550M
550
745
1100
40000
819
910
1001
1475
1260
FBMOV625M
625
825
1200
40000
900
1000
1100
1625
1110
FBMOV750M
750
970
1340
40000
1080
1200
1320
1950
920
NOTE: Average power dissipation of transients not to exceed 2.5W. See Figures 3 and 4 for more information on power dissipation.


Similar Part No. - FBMOV

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FBM COOPER-FBM Datasheet
258Kb / 2P
   Fuse Holders
FBM COOPER-FBM Datasheet
258Kb / 2P
   Fuse Holders HB PCB Series (HBH, HBV, HBW)
logo
List of Unclassifed Man...
FBM001P154MR ETC2-FBM001P154MR Datasheet
3Mb / 39P
   Code for Special Contacts
FBM002P154M ETC2-FBM002P154M Datasheet
3Mb / 39P
   Code for Special Contacts
FBM002S154U ETC2-FBM002S154U Datasheet
3Mb / 39P
   Code for Special Contacts
More results

Similar Description - FBMOV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
SMOV34S LITTELFUSE-SMOV34S Datasheet
983Kb / 6P
   The Littelfuse SMOV thermally protected varistor is a self-protected device.
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
   The Littelfuse LSP05 thermally protected Surge Protective
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
   The Littelfuse LSP10 thermally protected Surge Protective
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
LSP05GI LITTELFUSE-LSP05GI Datasheet
723Kb / 4P
   Littelfuse?셲 LSP05GI thermally protected Surge Protective
LSP05GX LITTELFUSE-LSP05GX Datasheet
526Kb / 4P
   Littelfuse?셲 LSP05G European version thermally protected
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com