Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03455LF8X Datasheet(PDF) 1 Page - Littelfuse

Part # 03455LF8X
Description  International Shock-Safe Panel Mount Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03455LF8X Datasheet(HTML) 1 Page - Littelfuse

  03455LF8X Datasheet HTML 1Page - Littelfuse 03455LF8X Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
467
www .littelfuse .com
13
International Shock-Safe Panel Mount Type
A complete selection of styles and options satisfy a wide variety of fuse-
holder design needs. Designed to eliminate the possibility of electrical
shock, as defined in IEC standards 60065 and 60127. The universal
fuseholder body will accept 3AG, 5 x 20mm, and 2AG fuse sizes
depending on knob selected. Permits inventory reduction of bodies and
provides knob interchange versatility. Anti-tease feature eliminates circuit
interruption when knob is accidentally depressed. Five fuseholder types
assure design flexibility. Available with two knob styles — screwdriver slot
or fingergrip. Drip-proof option is available on screwdriver slot knob style.
Available in two terminal styles — dual-purpose for soldering or 3/16"
NEMA quick connect; and 1/4" NEMA/DIN quick connect. Quick fuse size
identification is provided with letters on fingergrip knob and color-coded
screwdriver slot knobs.
APPROVALS:
3AG
5 x 20mm
2AG
20A 250V
10A 250V
10A 250V
CSA
20A 250V
10A 250V
10A 250V
VDE
10A 250V
10A 250V
SPECIFICATIONS:
Electrical: Insulation Resistance: 10,000 megohm minimum at 500
VDC. Contact Resistance: Less than .005 ohm average at currents up
to 1 ampere.
Mounting: Threaded styles withstand 15 in.-lb. mounting torque.
Low profile and High profile panel thickness: .032" min. /.310" max.
Quick mount panel thickness: .012" min. /.360" max.
Rear mount panel thickness: .012" min. /.260" max.
Molded Parts: Body Material: Black glass-filled thermoplastic
(UL 94V0).
Knob Material: Grey, blue or black glass-filled thermoplastic (UL94 V-0)
Hex Nut Material: Black glass-filled thermoplastic.
Knob: Finger-Grip, Fuse Extractor type or Screwdriver Slot, Fuse
Extractor type with plated copper alloy insert. Plated copper alloy contact
clips. Spring loaded, locking mechanism provides an anti-tease feature
and will not vibrate loose.
Terminals: Copper alloy. Tin-plated. Three styles available. A .187"
dual purpose terminal accepts wire for soldering or a Quick-Connect
receptacle. .187" terminal for NEMA Quick-Connect and .250" terminal
for NEMA/DIN Quick-Connect available.
Ambient Temperature: – 40°C to +85°C.
Hardware: Threaded style fuseholders are supplied with a thermoplastic
hex nut unassembled. Quick mount style fuseholders are supplied with a
push-on type retaining nut, black oxide finish, unassembled. A
synthetic rubber “O” ring will be supplied only with the screwdriver slot
knob when the drip-proof version is requested. To order with a metal
internal tooth lockwasher (L) and/or neoprene panel washer (N) and/or
drip-proof synthetic rubber “O” ring with Neoprene washer (NP)
[Screwdriver slot knob only], add the appropriate suffix (L, N, or NP)
respectively (or in combination) to the catalog number.
Example: 3453LS7LNP is a holder supplied with a lockwasher, a neoprene panel
washer, and a drip-proof “O” ring in addition to the hex nut.
* Please refer to Fuseology section for information on
proper fuseholder de-rating.
®
®
®
V
DE
Fuseholders
For 3AG, 5 x 20mm, or 2AG Fuses


Similar Part No. - 03455LF8X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03455LF1HX020 LITTELFUSE-03455LF1HX020 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
More results

Similar Description - 03455LF8X

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02450001H LITTELFUSE-02450001H Datasheet
123Kb / 1P
   Shock-Safe Panel Mount Type
345 LITTELFUSE-345 Datasheet
779Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
   345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
03460877H LITTELFUSE-03460877H_V01 Datasheet
711Kb / 1P
   286/346 Series Flip-Top Shock-Safe Panel Mount Fuseholders
Revised: June 9, 2021
3452LS1LNNP LITTELFUSE-3452LS1LNNP Datasheet
112Kb / 2P
   3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
6010000000 LITTELFUSE-6010000000 Datasheet
648Kb / 1P
   601/602 Series Shock-Safe Panel Mount Fuse Holder for 5횞20mm Fuses
Revised: 12/19/13
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
   345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
logo
Schurter Inc.
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
FQE SCHURTER-FQE Datasheet
248Kb / 1P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
23530P SCHURTER-23530P Datasheet
258Kb / 1P
   Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com