Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL12-N Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SL12-N
Description  1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-323-L PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SL12-N Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SL12-N Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SL12-N Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SL12-N Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SL12-N Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
//htmlimg2.alldatasheet.com/htmldatasheet2/479192/WILLAS/SL12-N/215/1/SL12-N.png


Similar Part No. - SL12-N

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-L FORMOSA-SL12-L Datasheet
69Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
WILLAS ELECTRONIC CORP
SL12-L WILLAS-SL12-L Datasheet
523Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
logo
Formosa MS
SL12-L FORMOSA-SL12-L Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL12-L FORMOSA-SL12-L_13 Datasheet
171Kb / 7P
   Low VF Chip Schottky Barrier Rectifier
SL12-M FORMOSA-SL12-M Datasheet
67Kb / 2P
   Silicon epitaxial planer type
More results

Similar Description - SL12-N

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SL12-M WILLAS-SL12-M Datasheet
494Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
SL24-N WILLAS-SL24-N Datasheet
285Kb / 4P
   1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V SOD-323-L PACKAGE
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
SL12-L WILLAS-SL12-L Datasheet
523Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
SL32-BL WILLAS-SL32-BL Datasheet
509Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMB-L PACKAGE
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
SL32-L WILLAS-SL32-L Datasheet
488Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMC-L PACKAGE
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
WILLAS ELECTRONIC CORP
SL22-L WILLAS-SL22-L Datasheet
320Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com