Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD14060BF-4 Datasheet(PDF) 25 Page - Analog Devices

Part No. AD14060BF-4
Description  Quad-SHARC DSP Multiprocessor Family
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD14060BF-4 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD14060BF-4 Datasheet HTML 21Page - Analog Devices AD14060BF-4 Datasheet HTML 22Page - Analog Devices AD14060BF-4 Datasheet HTML 23Page - Analog Devices AD14060BF-4 Datasheet HTML 24Page - Analog Devices AD14060BF-4 Datasheet HTML 25Page - Analog Devices AD14060BF-4 Datasheet HTML 26Page - Analog Devices AD14060BF-4 Datasheet HTML 27Page - Analog Devices AD14060BF-4 Datasheet HTML 28Page - Analog Devices AD14060BF-4 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AD14060/AD14060L
–25–
REV. A
5 V
3.3 V
Parameter
Min
Max
Min
Max
Units
Read Cycle
Timing Requirements:
tSADRDL
Address Setup/
CS Low Before RD Low1
0.5
0.5
ns
tHADRDH
Address Hold/
CS Hold Low After RD
0.5
0.5
ns
tWRWH
RD/WR High Width
6
6
ns
tDRDHRDY
RD High Delay After REDY (O/D) Disable
0.5
0.5
ns
tDRDHRDY
RD High Delay After REDY (A/D) Disable
0.5
0.5
ns
Switching Characteristics:
tSDATRDY
Data Valid Before REDY Disable from Low
1.5
1.5
ns
tDRDYRDL
REDY (O/D) or (A/D) Low Delay After
RD Low
11
11.5
ns
tRDYPRD
REDY (O/D) or (A/D) Low Pulsewidth for Read
45 + DT
45 + DT
ns
tHDARWH
Data Disable After
RD High
1.5
9
1.5
9.5
ns
Write Cycle
Timing Requirements:
tSCSWRL
CS Low Setup Before WR Low
0.5
0.5
ns
tHCSWRH
CS Low Hold After WR High
0.5
0.5
ns
tSADWRH
Address Setup Before
WR High
5.5
5.5
ns
tHADWRH
Address Hold After
WR High
2.5
2.5
ns
tWWRL
WR Low Width
7
7
ns
tWRWH
RD/WR High Width
6
6
ns
tDWRHRDY
WR High Delay After REDY (O/D) or (A/D) Disable
0.5
0.5
ns
tSDATWH
Data Setup Before
WR High
5.5
5.5
ns
tHDATWH
Data Hold After
WR High
1.5
1.5
ns
Switching Characteristics:
tDRDYWRL
REDY (O/D) or (A/D) Low Delay After
WR/CS Low
11
11.5
ns
tRDYPWR
REDY (O/D) or (A/D) Low Pulsewidth for Write
15
15
ns
tSRDYCK
REDY (O/D) or (A/D) Disable to CLKIN
1 + 7DT/16
9 + 7DT/16
0 + 7DT/16
8 + 7DT/16
ns
NOTE
1Not required if
RD and address are valid t
HBGRCSV after HBG goes low. For first access after HBR asserted, ADDR31–0 must be a non-MMS value 1/2 t CLK before RD
or
WR goes low or by t
HBGRCSV after HBG goes low. This is easily accomplished by driving an upper address signal high when HBG is asserted. For address bits to be
driven during asynchronous host accesses, see Table 8.2 of the ADSP-2106x SHARC User’s Manual.
CLKIN
REDY (O/D)
O/D = OPEN DRAIN, A/D = ACTIVE DRIVE
tSRDYCK
REDY (A/D)
Figure 19a. Synchronous REDY Timing
Asynchronous Read/Write—Host to AD14060/AD14060L
Use these specifications for asynchronous host processor accesses
of an AD14060/AD14060L, after the host has asserted
CS and
HBR (low). After HBG is returned by the AD14060/
AD14060L, the host can drive the
RD and WR pins to access
the AD14060/AD14060L’s internal memory or IOP registers.
HBR and HBG are assumed low for this timing.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn