Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD14060BF-4 Datasheet(PDF) 16 Page - Analog Devices

Part # AD14060BF-4
Description  Quad-SHARC DSP Multiprocessor Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060BF-4 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD14060BF-4 Datasheet HTML 12Page - Analog Devices AD14060BF-4 Datasheet HTML 13Page - Analog Devices AD14060BF-4 Datasheet HTML 14Page - Analog Devices AD14060BF-4 Datasheet HTML 15Page - Analog Devices AD14060BF-4 Datasheet HTML 16Page - Analog Devices AD14060BF-4 Datasheet HTML 17Page - Analog Devices AD14060BF-4 Datasheet HTML 18Page - Analog Devices AD14060BF-4 Datasheet HTML 19Page - Analog Devices AD14060BF-4 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD14060/AD14060L
–16–
REV. A
40 MHz–5 V
40 MHz–3.3 V
Parameter
Min
Max
Min
Max
Units
Clock Input
Timing Requirements:
tCK
CLKIN Period
25
100
25
100
ns
tCKL
CLKIN Width Low
7
8.75
ns
tCKH
CLKIN Width High
5
5
ns
tCKRF
CLKIN Rise/Fall (0.4 V–2.0 V)
3
3
ns
CLKIN
tCKH
tCK
tCKL
Figure 9. Clock Input
5 V
3.3 V
Parameter
Min
Max
Min
Max
Units
Reset
Timing Requirements:
tWRST
RESET Pulsewidth Low1
4tCK
4tCK
ns
tSRST
RESET Setup Before CLKIN High2
14 + DT/2
tCK
14 + DT/2
tCK
ns
NOTES
1Applies after the power-up sequence is complete. At power-up, the processor’s internal phase-locked loop requires no more than 2000 CLKIN cycles while
RESET is
low, assuming stable VDD and CLKIN (not including start-up time of external clock oscillator).
2Only required if multiple ADSP-2106xs must come out of reset synchronous to CLKIN with program counters (PC) equal (i.e., for a SIMD system). Not required
for multiple ADSP-2106xs communicating over the shared bus (through the external port), because the bus arbitration logic automatically synchronizes itself after reset.
CLKIN
RESET
tWRST
tSRST
Figure 10. Reset
5 V
3.3 V
Parameter
Min
Max
Min
Max
Units
Interrupts
Timing Requirements:
tSIR
IRQ2-0 Setup Before CLKIN High1
18 + 3DT/4
18 + 3DT/4
ns
tHIR
IRQ2-0 Hold Before CLKIN High1
11.5 + 3DT/4
11.5 + 3DT/4
ns
tIPW
IRQ2-0 Pulsewidth2
2 + tCK
2 + tCK
ns
NOTES
1Only required for
IRQx recognition in the following cycle.
2Applies only if t
SIR and tHIR requirements are not met.
CLKIN
IRQ2-0
tIPW
tSIR
tHIR
Figure 11. Interrupts


Similar Part No. - AD14060BF-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14060L AD-AD14060L Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
More results

Similar Description - AD14060BF-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com