![]() |
Electronic Components Datasheet Search |
|
AD14060BF-4 Datasheet(PDF) 7 Page - Analog Devices |
|
AD14060BF-4 Datasheet(HTML) 7 Page - Analog Devices |
7 / 44 page ![]() AD14060/AD14060L –7– REV. A Development Tools The ADSP-14060 is supported with a complete set of software and hardware development tools, including an EZ-LAB ® In- Circuit Emulator, and development software. Analog Devices’ ADSP-21000 Family Development Software includes an easy to use Assembler based on an algebraic syntax, an Assembly Library/Librarian, a Linker, an Instruction-Level Simulator, an ANSI C optimizing Compiler, the CBug™ C Source-Level Debugger, and a C Runtime Library including DSP and mathematical functions. The Optimizing Compiler includes Numerical C extensions based on the work of the ANSI Numerical C Extensions Group. Numerical C provides exten- sions to the C language for array selection, vector math op- erations, complex data types, circular pointers and variably dimensioned arrays. The ADSP-21000 Family Development Software is available for both the PC and Sun platforms. The SHARC EZ-KIT combines the ADSP-21000 Family De- velopment Software for the PC and the EZ-LAB Development Board in one package. The ADSP-2106x EZ-ICE ® Emulator uses the IEEE 1149.1 JTAG test access port of the ADSP-2106x processor to monitor and control the target board processor during emulation. The EZ-ICE provides full-speed emulation, allowing inspection and modification of memory, registers and processor stacks. Nonintrusive in-circuit emulation is assured by the use of the processor’s JTAG interface—the emulator does not affect target system loading or timing. Further details and ordering information are available in the ADSP-21000 Family Hardware & Software Development Tools data sheet (ADDS-2100xx-TOOLS). This data sheet can be requested from any Analog Devices sales office or distributor, or from the Literature Center. In addition to the software and hardware development tools available from Analog Devices, third parties provide a wide range of tools supporting the SHARC processor family. Hard- ware tools include SHARC PC plug-in cards, multiprocessor SHARC VME boards, and daughter card modules with multiple SHARCs and additional memory. These modules are based on the SHARCPAC module specification. Third party software tools include an Ada compiler, DSP libraries, operating systems and block diagram design tools. Quad-SHARC Development Board The BlackTip-MCM, AD14060 development board and soft- ware, is available from Bittware Research Systems, Inc. This board has one AD14060 BITSI interface, PROM and SRAM expansion options on an ISA card. It is supported by Bittware’s SHARC software development package. Bittware can be con- tacted at 1-800-848-0436. Other Package Details The AD14060/AD14060L contains 16 on-module 0.018 micro- farad bypass capacitors. It is recommended that in the target system at least four additional capacitors, of 0.018 microfarad value, be placed around the module—one near each of the four corners. The top surface, lid, of the AD14060/AD14060L is electrically connected to GND on the industrial and military grade parts. Additional Information This data sheet provides a general overview of the AD14060/ AD14060L architecture and functionality. For detailed infor- mation on the ADSP-2106x SHARC and the ADSP-21000 Family core architecture and instruction set, refer to the ADSP- 2106x SHARC User’s Manual. EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc. CBug is a trademark of Analog Devices, Inc. |