Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AD14060BF-4 Datasheet(PDF) 44 Page - Analog Devices

Part No. AD14060BF-4
Description  Quad-SHARC DSP Multiprocessor Family
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD14060BF-4 Datasheet(HTML) 44 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
AD14060/AD14060L
–44–
REV. A
PACKAGE DIMENSIONS
Dimensions shown in inches and (mm).
308-Lead Ceramic Quad Flatpack (CQFP)
(QS-308)
1
2.300
0.030
(58.42
0.762)
77
78
154
155
231
232
308
0.015 (0.381) x 45
°
3 PLACES
0.008
0.002
(0.203
0.051)
0.025 (0.635) TYP
0.340
0.010
(8.636
0.254)
4x
2.050
0.012 (52.07
0.305)
2.730
0.015 (69.34
0.381)
3.000
0.010 (76.2
0.254)
3.050 (77.47) MAX
TOP VIEW
0.040 (1.016) x 45
°
1.890
0.005
(48.006
0.127)
0.005 +0.0015 –0.001
(0.127 +0.0381 –0.025)
0.160
(4.064)
MAX
0.035
(0.889)
MAX
0.092
0.009
(2.337
0.229)
ORDERING GUIDE
Part Number
Case Temperature Range
SMD
Instruction Rate
Operating Voltage
AD14060BF-4
–40
°C to +100°C
N/A
40 MHz
5 V
AD14060LBF-4
–40
°C to +100°C
N/A
40 MHz
3.3 V
5962-9750601HXC
–40
°C to +100°C
QML-H
40 MHz
5 V
5962-9750701HXC*
–40
°C to +100°C
QML-H
40 MHz
3.3 V
*Part numbers marked with an * are shipping as x-grade (preproduction) material at the time of this printing. These parts are packaged in a 308-lead Ceramic Quad
Flatpack Package (CQFP). MIL-SMD parts, in the same package, are in development.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn