Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD14060BF-4 Datasheet(PDF) 42 Page - Analog Devices

Part No. AD14060BF-4
Description  Quad-SHARC DSP Multiprocessor Family
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD14060BF-4 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD14060BF-4 Datasheet HTML 36Page - Analog Devices AD14060BF-4 Datasheet HTML 37Page - Analog Devices AD14060BF-4 Datasheet HTML 38Page - Analog Devices AD14060BF-4 Datasheet HTML 39Page - Analog Devices AD14060BF-4 Datasheet HTML 40Page - Analog Devices AD14060BF-4 Datasheet HTML 41Page - Analog Devices AD14060BF-4 Datasheet HTML 42Page - Analog Devices AD14060BF-4 Datasheet HTML 43Page - Analog Devices AD14060BF-4 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD14060/AD14060L
–42–
REV. A
MECHANICAL CHARACTERISTICS
Lid Deflection Analysis
External Pressure Reduction
Delta Pressure
Deflection
12 psi
10.0 mil
15 psi
11.9 mil
Mechanical Model
The data below, together with the detailed mechanical drawings
at the end of the data sheet, allows for construction of simple
mechanical models for further analysis within targeted systems.
Mechanical Properties
Material
Modulus of Elasticity
Ceramic
26
× 103 kg/mm2
Kovar
14.1
× 103 kg/mm2
Tungsten
35
× 103 kg/mm2
Thermoplastic
279 kg/mm
2
Silicon
11
× 103 kg/mm2
308-LEAD CQFP PIN CONFIGURATION
78
154
155
231
232
308
1
77
AD14060/AD14060L
TOP VIEW
1.780
±0.018
1.810
±0.005
1.890
±0.005
0.012 REF
4X
0.040
±0.002
0.302
0.260
0.250
0.345
0.616
0.633
0.653
4X
0.670
4X
2.050 SQ.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn