Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744773047 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744773047
Description  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744773047 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744773047 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744773047 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744773047 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
4,10 ± 0,1
mm
B
8,00 ± 0,1
mm
+ 0,1
- 0,0
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
7,50 ± 0,1
mm
I
4,60 ± 0,1
mm
J
3,60 ± 0,1
mm
T
0,40 ± 0,05
mm
W
16,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
MST
04-10-11
Name
Datum / date
Version 1
Rollenspezifikation / Reel specification
mm
c
13,00
http://www.we-online.com
Würth Elektronik
..................................................................................
..................................................................................
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Änderung / modification
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Gurtspezifikation / Tape specification:
Freigabe erteilt / general release:
Kunde / customer
mm
1,50
D
mm
1,50
C
SMD-SPEICHERDROSSEL WE-PD2
POWER CHOKE WE-PD2
DATUM / DATE : 2004-10-11
Artikelnummer / part number:
744773047
Spezifikation für Freigabe / specification for release
Kunde / customer :
Ø c
a
d
b
J
I
T
øD
W
H
G
C
B
A
EF
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipment
when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It is essential to
give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
SEITE 3 VON 3


Similar Part No. - 744773047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744773047 WURTH-744773047 Datasheet
953Kb / 24P
   FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
744773047 WURTH-744773047 Datasheet
1Mb / 21P
   MagI3C Power Modules DNS003 Current-sharing with MagI³C Power Modules
V1.0
More results

Similar Description - 744773047

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com