Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1403A Datasheet(PDF) 4 Page - Analog Devices

Part # AD1403A
Description  Low Cost, Precision 2.5 V IC References
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1403A Datasheet(HTML) 4 Page - Analog Devices

  AD1403A Datasheet HTML 1Page - Analog Devices AD1403A Datasheet HTML 2Page - Analog Devices AD1403A Datasheet HTML 3Page - Analog Devices AD1403A Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AD1403/AD1403A
REV. A
–4–
The AD1403 exhibits a worst-case shift of 7.5 mV over the en-
tire range of operating input voltage, 4.5 volts to 40 volts. Typi-
cally, the shift is less than 1 mV as shown in Figure 3.
THE AD1403A AS A LOW POWER, LOW VOLTAGE
PRECISION REFERENCE FOR DATA CONVERTERS
The AD1403A has a number of features that make it ideally
suited for use with A/D and D/A data converters used in com-
plex microprocessor-based systems. The calibrated 2.500 volt
output minimizes user trim requirements and allows operation
from a single low voltage supply. Low power consumption
(1.5 mA quiescent current) is commensurate with that of CMOS-
type devices, while the low cost and small package complements
the decreasing cost and size of the latest converters.
Figure 8 shows the AD1403A used as a reference for the
AD7524 low-cost 8-bit CMOS DAC with complete micro-
Figure 8. Low Power, Low Voltage Reference for the
AD7524 Microprocessor-Compatible 8-Bit DAC
processor interface. The AD1403A and the AD7524 are speci-
fied to operate from a single 5 volt supply; this eliminates the
need to provide a +15 volt power supply for the sole purpose of
operating a reference. The AD7524 includes an 8-bit data regis-
ter, and address decoding logic; it may thus be interfaced di-
rectly to an 8- or 16-bit data bus. Only 300
µA of quiescent
current from the single +5 volt supply is required to operate the
AD7524 which is packaged in a small 16-pin DIP. The AD542
output amplifier is also low power, requiring only 1.5 mA quies-
cent current. Its laser-trimmed offset voltage preserves the
±1/2
LSB linearity of the AD7524KN without user trims and it typi-
cally settles to
±1/2 LSB in less than 5 microseconds. It will pro-
vide the 0 volt to –2.5 volt output swing from
±5 volt supplies.
THE AD1403 AS A PRECISION PROGRAMMABLE
CURRENT SOURCE
The AD1403 is an excellent building block for precision current
sources. Its wide range of operating voltages, 4.5 V to 40 V,
along with excellent line regulation over that range (7.5 mV)
result in high insensitivity to varying load impedances. The low
quiescent current (II) of 1.5 mA (max) and the maximum speci-
fied maximum load current of 10 mA allows the user to pro-
gram current to any value between 1.5 mA and 10 mA.
Figure 9a shows the AD1403 connected as a current source.
Total current is equal to the quiescent current plus the load
current. Most of the temperature coefficient comes from the
quiescent current term II, which has a typical TC of 0.13%/°C
(1300 ppm/
°C). The load voltage (and hence current) TC is
much lower at
±40 ppm/°C max (AD1403). Therefore, the
overall temperature coefficient decreases rapidly as the load cur-
rent is increased. Figure 9b shows the typical temperature coef-
ficient for currents between 1.5 mA and 10 mA. Use of an
AD1403A will not improve the TC appreciably.
Figure 9a. The AD1403 as a Precision Programmable
Current Source
Figure 9b. Typical Temperature Coefficient of Current
Source
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Applying the AD1403/AD1403A
8-Pin Mini-DIP (N)


Similar Part No. - AD1403A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Similar Description - AD1403A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1403N AD-AD1403N Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
logo
List of Unclassifed Man...
VRE4100 ETC-VRE4100 Datasheet
232Kb / 7P
   Low Cost, SOIC-8 Precision References
logo
Analog Devices
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com