Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10022 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJ10022
Description  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10022 Datasheet(HTML) 3 Page - Motorola, Inc

  MJ10022 Datasheet HTML 1Page - Motorola, Inc MJ10022 Datasheet HTML 2Page - Motorola, Inc MJ10022 Datasheet HTML 3Page - Motorola, Inc MJ10022 Datasheet HTML 4Page - Motorola, Inc MJ10022 Datasheet HTML 5Page - Motorola, Inc MJ10022 Datasheet HTML 6Page - Motorola, Inc MJ10022 Datasheet HTML 7Page - Motorola, Inc MJ10022 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJ10022 MJ10023
3
Motorola Bipolar Power Transistor Device Data
1.0
2.0
5.0
40
0.4
10
1.0
300
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
1.0
2.0
5.0
40
200
50
0.4
Figure 2. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
5.0
2.1
1.8
0.9
0.6
Figure 3. Collector–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
5.0
0.01
Figure 4. Base–Emitter Saturation Voltage
IB, BASE CURRENT (AMP)
0.1
10
4.5
0.5
VCE = 5 V
0.3
IC = 10 A
4.5
VR, REVERSE VOLTAGE (VOLTS)
20
100
400
– 0.2
Figure 5. Collector Cutoff Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
10 –1
Figure 6. Cob, Output Capacitance
104
40
103
100
0
+ 0.2
+ 0.8
VCE = 250 V
TJ = 125°C
100
°C
75
°C
25
°C
100
30
0.4
10
2.0
10
40
20
+ 0.6
200
100
50
400
200
50
10
IC/IB = 10
TJ = 100°C
TJ = 25°C
5.0
2.0
1.0
0.5
0.2
0.02
0.05
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1.2
1.5
2.4
2.7
3.0
2.1
1.8
0.9
0.6
0.3
1.2
1.5
2.4
2.7
3.0
TJ = 100°C
IC = 20 A
VCE @ 100°C
VCE @ 25°C
VBE @ 100°C
VBE @ 25°C
20
IC = 40 A
20
IC/IB = 10
+ 0.4
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - MJ10022

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
logo
New Jersey Semi-Conduct...
MJ10022 NJSEMI-MJ10022 Datasheet
102Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Thinki Semiconductor Co...
MJ10022 THINKISEMI-MJ10022 Datasheet
811Kb / 2P
   250WATT NPN TYPE SILICON DARLINGTON TRANSISTORS
More results

Similar Description - MJ10022

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com