Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD13280 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD13280
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD13280 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD13280
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD13280 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL
1
AVCC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 7 V
AVEE Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V to 0 V
DVCC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to 7 V
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . VEE to VCC
Analog Input Current . . . . . . . . . . . . . . –10 mA to +10 mA
Digital Input Voltage (ENCODE) . . . . . . . . . . . . . 0 to VCC
ENCODE,
ENCODE Differential Voltage . . . . . . . . 4 V max
Digital Output Current . . . . . . . . . . . . . . –10 mA to +10 mA
ENVIRONMENTAL
2
Operating Temperature (Case) . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 175
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Storage Temperature Range (Ambient) . . –65
°C to +150°C
NOTES
1Absolute maximum ratings are limiting values applied individually, and beyond
which the serviceability of the circuit may be impaired. Functional operability is not
necessarily implied. Exposure to absolute maximum rating conditions for an
extended period of time may affect device reliability.
2Typical thermal impedance for “ES” package:
θ
JC 2.2
°C/W; θ
JA 24.3
°C/W.
TEST LEVEL
I
100% Production Tested.
II 100% Production Tested at 25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III Sample Tested only.
IV Parameter is guaranteed by design and characterization
testing.
V Parameter is a typical value only.
VI 100% production tested with temperature at 25
°C: sample
tested at temperature extremes.
PIN CONFIGURATION
68-Lead Ceramic Leaded Chip Carrier
(ES-68C)
10
11
12
13
14
15
16
17
18
19
20
22
23
24
25
26
21
27
43
28 29 30 31 32 33 34 35 36 37 38 39 40 41 42
961
8765
68 67 66 65 64 63 62
4321
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD13280
AGNDB
AVEEB
AVCCB
AGNDB
AGNDA
AVEEA
D0A(LSB)
D1A
D2A
D3A
D4A
D5A
AGNDB
ENCODEB
ENCODEB
DVCCB
DGNDA
D11B(MSB)
D10B
D9B
DGNDB
AVCCA
D8B
D7B
D6B
D5B
D4B
ENCODEA
ENCODEA
AGNDA
AGNDA
DVCCA
NC
NC
NC = NO CONNECT
ORDERING GUIDE
Model
Temperature Range (Case)
Package Description
Package Option
AD13280AZ
–25
°C to +85°C
68-Lead Ceramic Leaded Chip Carrier
ES-68C
AD13280AF
–25
°C to +85°C
68-Lead Ceramic Leaded Chip Carrier
ES-68C
with Nonconductive Tie-Bar
5962-0053001HXA
–40
°C to +85°C
68-Lead Ceramic Leaded Chip Carrier
ES-68C
AD13280/PCB
25
°C
Evaluation Board with AD13280AZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn